Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RC2-3CSIM Datasheet(PDF) 109 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  Microcontroller with 16K/32K Bytes Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 109 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 105Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 106Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 107Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 108Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 109Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 110Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 111Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 112Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 113Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 127 page
background image
109
AT89C51RB2/RC2
4180C–8051–12/03
DC Parameters for Low
Voltage
TA = 0
°C to +70°C; V
SS = 0V; VCC = 2.7V to 3.6V; F = 0to 40 MHz
TA = -40
°C to +85°C; V
SS = 0V; VCC = 2.7V to 3.6V; F = 0 to 40 MHz
Notes:
1. Operating ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 49.), VIL =
VSS + 0.5V,
VIH = VCC - 0.5V; XTAL2 N.C.; EA = RST = Port 0 = VCC. ICC would be slightly higher if a crystal oscillator used (see Figure
46).
2. Idle I
CC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns, VIL = VSS + 0.5V, VIH = VCC -
0.5V; XTAL2 N.C; Port 0 = VCC; EA = RST = VSS (see Figure 47).
3. Power Down ICC is measured with all output pins disconnected; EA = VSS, PORT 0 = VCC; XTAL2 NC.; RST = VSS (see Fig-
ure 48).
4. Capacitance loading on Ports 0 and 2 may cause spurious noise pulses to be superimposed on the VOLs of ALE and Ports 1
and 3. The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1 to 0
transitions during bus operation. In the worst cases (capacitive loading 100pF), the noise pulse on the ALE line may exceed
0.45V with maxi VOL peak 0.6V. A Schmitt Trigger use is not necessary.
5. Typical are based on a limited number of samples and are not guaranteed. The values listed are at room temperature and
5V.
6. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum I
OL per port pin: 10 mA
Maximum I
OL per 8-bit port:
Port 0: 26 mA
Ports 1, 2 and 3: 15 mA
Maximum total IOL for all output pins: 71 mA
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIL
Input Low Voltage
-0.5
0.2 VCC - 0.1
V
VIH
Input High Voltage except RST, XTAL1
0.2 VCC + 0.9
VCC + 0.5
V
VIH1
Input High Voltage, RST, XTAL1
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage, ports 1, 2, 3, 4(6)
0.45
V
IOL = 0.8 mA
(4)
VOL1
Output Low Voltage, port 0, ALE, PSEN (6)
0.45
V
IOL = 1.6 mA
(4)
VOH
Output High Voltage, ports 1, 2, 3, 4
0.9 VCC
VIOH = -10 µA
VOH1
Output High Voltage, port 0, ALE, PSEN
0.9 VCC
VIOH = -40 µA
IIL
Logical 0 Input Current ports 1, 2, 3, 4
-50
µAV
IN = 0.45 V
ILI
Input Leakage Current for P0 only
±10
µA
0.45V < VIN < VCC
ITL
Logical 1 to 0 Transition Current, ports 1, 2, 3,
-650
µAV
IN = 2.0V
RRST
RST Pulldown Resistor
50
200 (5)
250
k
Ω
CIO
Capacitance of I/O Buffer
10
pF
Fc = 3 MHz
TA = 25
°C
I
PD
Power Down Current
10 (5)
50
µA
VCC = 2.7V to
3.6V(3)
I
CCOP
Power Supply Current on normal mode
0.4 x Frequency (MHz) + 5
mA
V
CC = 3.6 V
(1)
I
CCIDLE
Power Supply Current on idle mode
0.3 x Frequency (MHz) + 5
mA
V
CC = 3.6 V
(2)
ICCProg
Power Supply Current during flash Write / Erase
0.4 x
Frequency
(MHz) +
20
mA
VCC = 5.5V
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com