Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RC2-3CSIM Datasheet(PDF) 108 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  Microcontroller with 16K/32K Bytes Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 108 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 104Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 105Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 106Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 107Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 108Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 109Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 110Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 111Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 112Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 127 page
background image
108
AT89C51RB2/RC2
4180C–8051–12/03
Notes:
1. Operating I
CC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 49.), VIL =
VSS + 0.5V,
VIH = VCC - 0.5V; XTAL2 N.C.; EA = RST = Port 0 = VCC. ICC would be slightly higher if a crystal oscillator used (see Figure
46).
2. Idle ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns, VIL = VSS + 0.5V, VIH = VCC -
0.5V; XTAL2 N.C; Port 0 = V
CC; EA = RST = VSS (see Figure 47).
3. Power Down I
CC is measured with all output pins disconnected; EA = VSS, PORT 0 = VCC; XTAL2 NC.; RST = VSS (see Fig-
ure 48).
4. Capacitance loading on Ports 0 and 2 may cause spurious noise pulses to be superimposed on the VOLs of ALE and Ports 1
and 3. The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1 to 0
transitions during bus operation. In the worst cases (capacitive loading 100pF), the noise pulse on the ALE line may exceed
0.45V with maxi V
OL peak 0.6V. A Schmitt Trigger use is not necessary.
5. Typical are based on a limited number of samples and are not guaranteed. The values listed are at room temperature and
5V.
6. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin: 10 mA
Maximum IOL per 8-bit port:
Port 0: 26 mA
Ports 1, 2 and 3: 15 mA
Maximum total IOL for all output pins: 71 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test conditions.
7. For other values, please contact your sales office.
8. Icc Flash Write operation current while an on-chip flash page write is on going.
9. Flash Retention is guaranteed with the same formula for V
CC Min down to 0.
V
OH1
Output High Voltage, port 0, ALE, PSEN
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
VCC = 5V ± 10%
IOH = -200 µA
IOH = -3.2 mA
IOH = -7.0 mA
0.9 VCC
V
VCC = 2.7V to 5.5V
IOH = -10 µA
RRST
RST Pulldown Resistor
50
200(5)
250
k
Ω
IIL
Logical 0 Input Current ports 1, 2, 3, 4 and 5
-50
µAV
IN = 0.45V
ILI
Input Leakage Current for P0 only
±10
µA
0.45V < VIN < VCC
ITL
Logical 1 to 0 Transition Current, ports 1, 2, 3, 4
-650
µAV
IN = 2.0V
CIO
Capacitance of I/O Buffer
10
pF
Fc = 3 MHz
TA = 25
°C
IPD
Power Down Current
100
150
µA4.5V < V
CC < 5.5V
(3)
ICCOP
Power Supply Current on normal mode
0.4 x Frequency (MHz) + 5
mA
VCC = 5.5V
(1)
ICCIDLE
Power Supply Current on idle mode
0.3 x Frequency (MHz) + 5
mA
VCC = 5.5V
(1)
I
CCProg
Power Supply Current during flash Write / Erase
0.4 x
Frequency
(MHz) + 20
mA
V
CC = 5.5V
(8)
TA = -40°C to +85°C; VSS = 0V;
VCC =2.7V to 5.5V and F = 0 to 40 MHz (both internal and external code execution)
VCC =4.5V to 5.5V and F = 0 to 60 MHz (internal code execution only) (Continued)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com