Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5411 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLC5411
Description  2B1Q U INTERFACE DEVICE
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5411 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLC5411 Datasheet HTML 4Page - STMicroelectronics STLC5411 Datasheet HTML 5Page - STMicroelectronics STLC5411 Datasheet HTML 6Page - STMicroelectronics STLC5411 Datasheet HTML 7Page - STMicroelectronics STLC5411 Datasheet HTML 8Page - STMicroelectronics STLC5411 Datasheet HTML 9Page - STMicroelectronics STLC5411 Datasheet HTML 10Page - STMicroelectronics STLC5411 Datasheet HTML 11Page - STMicroelectronics STLC5411 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
PIN FUNCTIONS (specific GCI mode)
Pin
Name
In/Out
Description
6
FSa
In Out
Input or Output depending of the configuration. FSa is a 8 KHz clock which
indicates the start of the frame on Bx and Br.
7
FSb
Out
In NT/TE non auto-mode configuration, FSb is a 8 KHz pulse always
indicating the second 64Kbit/sec channel of the frame on Br.
S0
In
When MO = 0 (LT/NT12 configuration): S0 associated with S1 and S2
selects a GCI channel number on Bx/Br.
TEST2
In
Input pin to select a transmission test in all auto mode configurations.
TEST2 is associated with TEST1.
11
Br
Out
2B+D and GCI control channel open drain output. Data is shifted out (at the
half BCLK frequency) on the first rising edge of BCLK during the assigned
channels slot. Br is in high impedance state outside the assigned time slot
and during the assigned time slot of a channel if it is disabled.
12
BCLK
In Out
Bit clock input or output depending of the configuration. When BCLK is an
input, its frequency may be any multiple of 16 KHz from 512 KHz to 6176
KHz.. When BCLK is an output, its frequence is 512 KHz in NT1 auto and
NTRR auto configurations, 1536 KHz in NT/TE configuration; In this case,
BCLK is locked to the recovered clock received from the line. Input or
Output BCLK is synchronous with FSa. Datas are shifted in and out (on Bx
and Br) at the half the BCLK frequency.
13
Bx
In
2B+D and GCI control channel input. Data is sampled by the UID on the
second falling edge of BCLK within the period of the bit, during the assigned
channels time slot.
14
IO4
In Out
General purpose programmable I/O configured by CR5 register in all non
auto mode configurations.
TEST1
In
Input pin to select a transmission test in all auto mode configurations.
TEST1 is associated with TEST2.
15
IO3
In Out
General purpose programmable I/O configured by CR5 register in all non
auto mode configurations.
EC
Out
External control output pin in NT1 auto configuration. Normaly high, this pin
is pulled low when an eoc message ”öperate 2B+D loopback” is recognized
from the line.
LFS
In
Local febe select:
When tied to 1 the febe is locally looped back. See figure 10.
16
IO2
In, Out
General purpose programmable I/O configured by CR5 register in all non
auto mode configurations.
EC
Out
External control output pin in LTRR auto configuration. Normaly high, this
pin is pulled low when an ARL command is received by the UID.
ES2
In
External status input pin. In NT1 auto and NTRR auto configurations, this
status is sent on the line through the ps2 bit.
17
S2
In
When MO = 0 (LT/NT12 configuration): S2 associated with S0 and S1
selects a GCI channel number on Bx/Br.
CONF2
In
When MO = 1: Configuration input pin. Is used associated with CONF1 to
select configuration NT/TE (non auto), NT1 auto, LTRR auto and NTRR
auto.
18
IO1
In Out
General purpose programmable I/O configured by CR5 register in all non
auto mode configurations.
ES1
In
External status input pin. In NT1 auto and NTRR auto configurations, this
status is sent on the line through the ps1 bit.
PLLD
In
PLL1 can be disabled in LTRR onto configuration with this pin.
19
S1
In
When MO = 0 (LT/NT12 configuration): S1 associated with S0 and S2
selects a GCI channel number on Bx/Br.
CONF1
In
When MO = 1: Configuration input pin. Is used associated with CONF2 to
select configuration NT/TE (non auto), NT1 auto, LTRR auto and NTRR
auto.
STLC5411
8/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com