Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5411 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLC5411
Description  2B1Q U INTERFACE DEVICE
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5411 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLC5411 Datasheet HTML 19Page - STMicroelectronics STLC5411 Datasheet HTML 20Page - STMicroelectronics STLC5411 Datasheet HTML 21Page - STMicroelectronics STLC5411 Datasheet HTML 22Page - STMicroelectronics STLC5411 Datasheet HTML 23Page - STMicroelectronics STLC5411 Datasheet HTML 24Page - STMicroelectronics STLC5411 Datasheet HTML 25Page - STMicroelectronics STLC5411 Datasheet HTML 26Page - STMicroelectronics STLC5411 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
on Br is in the high impedance state.
A 24 ms timer is implemented in the UID. This
timer (when enabled) starts each time the sender
starts a byte sending and waits for a pre acknow-
ledgement.
C/I channel
The C/I channel is used for TXACT and RXACT
registers write and read operation. However, it is
possible to access to ACT registers by monitor
channel: this access is controled by the CID bit in
CR2 register.
The four bits code (C1,C2,C3,C4) of TXACT reg-
ister can be loaded in the UID by writing perma-
nently this code in the C/I channel time-slot on Bx
input every GCI frames. The UID takes into ac-
count the received code when it has been re-
ceived two consecutive times identical. When a
status change occurs in the RXACT register, the
new (C1,C2,C3,C4) code is sent in the C/I chan-
nel time-slot on Br output every GCI frames. This
E & A BITS TIMING
TWO BYTES MESSAGE ABORTED ON THE SECOND AND RETRANSMITTED
TWO BYTES MESSAGE - NORMAL TRANSMISSION
(M1)
XM1
M
E
A
M1
M2
M2
XX
X
1st byt e
pre-a ck
ac k
2n d byte
pr e-ac k
ack
3rd byt e??
pre- ack ??
EOM
Rea dy for
a new messag e
Ready
for a message
(M1)
(M1)
(M2)
(M2)
(M2)
(X)
(X)
M
E
A
1st byt e
pre -ack
ac k
2nd by te
pre -ack
ab ort
EOM
1s t by te
pre -ack
3r d by te? ?
Read y for
retr ansmission
Rea dy fo r
a message
(M1)
(M1)
(M1)
(M2)
(M2)
(M2)
(X)
(or ab ort ack )
(M1)
(M1)
XM1
M1
M2
M2
X
X
X
X
M1
M1
M2
Figure 5: GCI Monitor channel messaging examples.
STLC5411
23/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com