Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5411 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STLC5411
Description  2B1Q U INTERFACE DEVICE
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5411 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STLC5411 Datasheet HTML 37Page - STMicroelectronics STLC5411 Datasheet HTML 38Page - STMicroelectronics STLC5411 Datasheet HTML 39Page - STMicroelectronics STLC5411 Datasheet HTML 40Page - STMicroelectronics STLC5411 Datasheet HTML 41Page - STMicroelectronics STLC5411 Datasheet HTML 42Page - STMicroelectronics STLC5411 Datasheet HTML 43Page - STMicroelectronics STLC5411 Datasheet HTML 44Page - STMicroelectronics STLC5411 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
eas:
area 00/0FH: NOP operations.
area 10/1FH: test registers: reserved.
area 20/2FH: the configuration registers.
OPR CR1 CR2 CR3 CR4 CR5
CR6
Read Write access. CR5 only
usefull in GCI mode
area 30/3FH: the B1 B2 D time slot registers.
TXB1 TXB2 RXB1 RXB2 TXD
RXD STATUS
Read Write access except
STATUS: Read only.
Usefull only in MW mode
except STATUS: MW & GCI
modes.
area 40/4FH: the transmit and receive
registers (except EOC).
TXM4 RXM4 TXM56 RXM56
TXACT RXACT BEC1 BEC2
ECT1 ECT2 RXOH
Read Write access for the
transmit registers:
TXM4 TXM56 TXACT
Read access only for the
receive registers:
RXM4 RXM56 RXACT
Read Write access for the
control registers:
ECT1 ECT2
Read access only for the error
registers:
BEC1 BEC2
Write access only for the
command registers:
RXOH
area 5x to 9x:
5x:
6x:
7x:
8x & 9x:
area Ax to Ex:
area Fx:
for 12 bits registers.
to write TXEOC register, to read
RXEOC register.
to read TXEOC register.
reserved
to read IDR register.
reserved.
reserved except FF address:
special register MWPS.
Overhead bits programmable register (OPR)
After reset: 1EH
CIE
EIE
FIE
OB1
OB0
OC1
OC0
C2E
CIE Near-End CRC Interrupt Enable:
CIE = 1: the RXM56 register is queued in the
interrupt register stack with nebe bit
set to zero each time the CRC result
is not identical to the corresponding
CRC received from the line.
CIE = 0: no interrupt is issued but the error
detection remains active for instance
for on chip error counting.
EIE Error counting Interrupt Enable:
EIE = 1: an interrupt is provided for the
counter when the threshold (ETC1 or
ETC2) is reached.
EIE= 0:
no interrupt is issued. It is feasible to
read the counters even if no relevant
interrupt has been provided.
FIE FEBE lnterrupt Enable:
FIE = 1:
the RXM56 register is queued into
the interrupt register stack each time
the febe bit is received at zero in a
superframe.
FIE = 0:
no interrupt is issued but the receive
febe bit remains active for on chip
error counting.
OB1, OB0 Overhead Bit processing:
select how each spare overhead bit received from
the line is validated and transmitted to the sys-
tem. RXM4 and RXM56 registers are inde-
pendently provided onto the system interface as
for the eoc channel. Each spare overhead bit is
validated independently from the others.
OB1
OB0
0
0
each super frame, an interrupt
is generated for the RXM4 or
the RXM56 register. Spare bits
are transparently transmited to
the system.
0
1
an interrupt is set at each new
spare overhead bit(s) received.
1
0
an interrupt is set at each new
spare overhead bit(s) received
and confirmed once. ( two
times identical).
1
1
an interrupt is set at each new
spare overhead bit(s) received
and confirmed twice. (three
times identical).
If new bits are received at the same time in M4
STLC5411
41/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com