Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5411 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STLC5411
Description  2B1Q U INTERFACE DEVICE
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5411 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STLC5411 Datasheet HTML 45Page - STMicroelectronics STLC5411 Datasheet HTML 46Page - STMicroelectronics STLC5411 Datasheet HTML 47Page - STMicroelectronics STLC5411 Datasheet HTML 48Page - STMicroelectronics STLC5411 Datasheet HTML 49Page - STMicroelectronics STLC5411 Datasheet HTML 50Page - STMicroelectronics STLC5411 Datasheet HTML 51Page - STMicroelectronics STLC5411 Datasheet HTML 52Page - STMicroelectronics STLC5411 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
EOC Receive EOC status register read.
When EOC bit is set equal one, UID automatically
loads the current value of RXEOC register in the
interrupt stack independently of
any status
change.
M4 Receive M4 overhead bits status register
read.
When M4 bit is set equal one, UID automatically
loads the current value of RXM4 register in the in-
terrupt stack independently of any status change.
M56 Receive M5 and M6 overhead bits status
register read.
When M56 bit is set equal one, UID automatically
loads the current value of RXM56 register in the
interrupt stack independently of
any status
change.
ACT Activation indication status.
When ACT bit is set equal one, UID automatically
loads the current value of RXACT register in the
interrupt stack independently of
any status
change.
In GCI mode, the RXACT read back always uses
the monitor channel.
STATUS
When STATUS bit is set egal one, UID automat-
ically loads the current value of STATUS register
in the interrupt stack independently of any status
change.
RST
RESET
(MICROWIRE/DSI
configuration
only).
When RST bit is set equal one, UID is fully reset
including configuration registers, state machine
and all coefficients and reset to their default
value. UID enters in the power-down state.
Transmit EOC register (TXEOC)
After reset: FFFH
XEOC1
XEOC2
XEOC3
XEOC4
XEOC5
XEOC6
XEOC7
XEOC8
TXEOC Register is constituted of 12 bits, 3 bits
address (EFG), 1 bit data/message Flag (H), 8
bits information (XEOC1 - XEOC8). When trans-
mitting SL2/SL3 or SN3 signal. STLC5411 shall
continuously send into the EOC channel field the
eoc bits twice per superframe. TXEOC register is
loaded in the transmit register at each half a su-
perframe.
The address of this register is composed only of 4
bits. Read-back can be performed by means of a
read-back command 6100H.
Receive EOC register (RXEOC)
(read only)
After reset: FFFH
REOC1
REOC2
REOC3
REOC4
REOC5
REOC6 REOC7
REOC8
The RX EOC Register is constituted of 12 bits.
When the line is fully activated (super frame syn-
chronized) and when a new eoc message is re-
ceived and validated in accordance with the crite-
ria selected in the Configuration Register OPR,
the RX EOC Register is queued in the interrupt
register stack. The address of this register is com-
posed only of 4 bits.
It is always possible to read this register by writ-
ing RXEOC = 1 in RXOH register
Identification Register (IDR)
Fixed value: 08H
(read only)
When a read-back operation of IDR register is en-
tered, UID loads the Identification Register in the
interrupt stack. This register provides a reserved
identification code agreed by GCI standard: 08H.
IDR register is accessible via two addresses.
MWPS Micro Wire Port Select register (Signifi-
cant in microwire mode only).
(write only)
Default value: Mode A (5410 compatible)
– Writting FFH value select the mode B to ex-
change data onto CI & CO
– Writing 00H value select the mode A (See Mi-
crowire control interface paragraph for more
details Mode A, Mode B).
Note: Soft Reset has no effect on the select
mode.
STLC5411
49/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com