Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5411 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC5411
Description  2B1Q U INTERFACE DEVICE
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5411 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC5411 Datasheet HTML 1Page - STMicroelectronics STLC5411 Datasheet HTML 2Page - STMicroelectronics STLC5411 Datasheet HTML 3Page - STMicroelectronics STLC5411 Datasheet HTML 4Page - STMicroelectronics STLC5411 Datasheet HTML 5Page - STMicroelectronics STLC5411 Datasheet HTML 6Page - STMicroelectronics STLC5411 Datasheet HTML 7Page - STMicroelectronics STLC5411 Datasheet HTML 8Page - STMicroelectronics STLC5411 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
STLC5411
2B1Q U INTERFACE DEVICE
GENERAL FEATURES
SINGLE CHIP 2B1Q LINE CODE TRANS-
CEIVER
SUITABLE FOR BOTH ISDN AND PAIR GAIN
APPLICATIONS
MEETS OR EXCEEDS ANSI U.S. AND ETSI
EUROPEAN STANDARD
SINGLE 5V SUPPLY
DIP28 AND PLCC44 PACKAGE
HCMOS3A
SGS-THOMSON
ADVANCED
1.2
µm DOUBLE-METAL CMOS PROCESS
TRANSMISSION FEATURES
160 KBIT/S FULL DUPLEX TRANSCEIVER
2B1Q LINE CODING WITH SCRAMBLER/DE-
SCRAMBLER
18KFT
(5.5KM)
ON
26AWG/24AWG
TWISTED PAIR CABLES
SUPPORTS BRIDGE TAPS, SPLICES AND
MIXED GAUGES
>70DB ADAPTIVE ECHO-CANCELLATION
ON CHIP HYBRID CIRCUIT
DECISION FEEDBACK EQUALIZATION
ON CHIP ANALOG VCO SYSTEM
DIRECT CONNECTION TO SMALL LINE
TRANSFORMER
SYSTEM FEATURES
ACTIVATION/DEACTIVATION CONTROLLER
ON CHIP CRC CALCULATION AND VERIFI-
CATION INCLUDING TWO PROGRAMMA-
BLE BLOCK ERROR COUNTERS
EOC
CHANNEL
AND
OVERHEAD-BITS
TRANSMISSION WITH AUTOMATIC MES-
SAGE CHECKING
GCI
AND MW/DSI MODULE INTERFACES
COMPATIBLE
DIGITAL LOOPBACKS
COMPLETE (2B+D) ANALOG LOOPBACK IN LT
ELASTIC DATA BUFFERS AND BACKPLANE
CLOCK DE-JITTERIZER
AUTOMODE NT1 AND REPEATER
”U ACTIVATION ONLY” IN NT1
IDENTIFICATION
CODE
AS
PER
GCI
STANDARD
EASILY
INTERFACEABLE
WITH
ST5451
(HDLC & GCI CONTROLLER), ST5421 SID-
GCI TRANSCEIVER AND ANY OTHER GCI,
IDL or TDM COMPATIBLE DEVICES
November 1996
PLCC44
ORDERING NUMBER: STLC5411FN
Plastic DIP28
ORDERING NUMBER: STLC5411P
1/72


Similar Part No. - STLC5411

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5412 STMICROELECTRONICS-STLC5412 Datasheet
655Kb / 74P
2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
Feb-1999
STLC5412FN STMICROELECTRONICS-STLC5412FN Datasheet
655Kb / 74P
2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
Feb-1999
STLC5412P STMICROELECTRONICS-STLC5412P Datasheet
655Kb / 74P
2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
Feb-1999
More results

Similar Description - STLC5411

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5412 STMICROELECTRONICS-STLC5412 Datasheet
655Kb / 74P
2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
Feb-1999
logo
Agere Systems
T7264 AGERE-T7264 Datasheet
876Kb / 54P
T7264 U-Interface 2B1Q Transceiver
April 1998
logo
Rhombus Industries Inc.
T-13211G RHOMBUS-IND-T-13211G Datasheet
26Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
7/2/96
T-13222G RHOMBUS-IND-T-13222G Datasheet
26Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
7/2/96
T-13210 RHOMBUS-IND-T-13210 Datasheet
35Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
7/2/96
T-13214 RHOMBUS-IND-T-13214 Datasheet
35Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
7/2/96
T-13219 RHOMBUS-IND-T-13219 Datasheet
35Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
T-13221 RHOMBUS-IND-T-13221 Datasheet
35Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
T-13222 RHOMBUS-IND-T-13222 Datasheet
35Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
T-13230 RHOMBUS-IND-T-13230 Datasheet
93Kb / 1P
U Interface Transformer (2B1Q Coding Applications)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com