Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5411 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STLC5411
Description  2B1Q U INTERFACE DEVICE
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5411 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STLC5411 Datasheet HTML 43Page - STMicroelectronics STLC5411 Datasheet HTML 44Page - STMicroelectronics STLC5411 Datasheet HTML 45Page - STMicroelectronics STLC5411 Datasheet HTML 46Page - STMicroelectronics STLC5411 Datasheet HTML 47Page - STMicroelectronics STLC5411 Datasheet HTML 48Page - STMicroelectronics STLC5411 Datasheet HTML 49Page - STMicroelectronics STLC5411 Datasheet HTML 50Page - STMicroelectronics STLC5411 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
Status Register (STATUS)
(Read only)
After reset: 85H
PWDN
X
X
X RXFFU RXFFO TXFFU TXFFO
PWDN Power down
PWDN = 1: UID is in power down state
PWDN = 0: UID is in power up state
RXFFU RX FIFO underflow
RXFFU = 1: The bits rate on Br pin is higher than
the bits rate side line.
RXFFU = 0: The bits rate on Br is in accordance
with the bits rate side line
RXFFO: RX FIFO overflow
RXFFO = 1: The bits rate on Br pin is lower than
the bits rate side line.
RXFFO = 0: The bits rate on Br pin is in
accordance with the bits rate side
line.
TXFFU TX FIFO underflow
TXFFU = 1: The bits rate on Bx pin is lower than
the bits rate side line.
TXFFU = 0: The bits rate on Bx pin is in
accordance with the bits rate side
line.
TXFFO Tx FIFO overflow
TXFFO = 1: The bits rate on Bx pin is higher than
the bits rate side line.
TXFFO
The bits rate on Bx pin is in
accordance with the bits rate side
line.
When one of these four bits is set to 1, Tx FIFO
and/or Rx FIFO is re-adjusted and data is lost. An
interrupt or message is generated if FFIT bit in
CR4 register is set to 1. It is always possible to
read this register by writting STATUS bit = 1 in
RXOH register.
Transmit M4 channel register (TXM4)
After reset: 7DH
-
m42X m43X m44X m45X m46X
-m48X
When transmitting SL2/SL3 or SN3, the UID shall
continuously send in the M4 channel field the reg-
ister content to the line once per superframe.
Register content is transmitted to the line at each
superframe.
m41X, m42X in LT, m47X are activation bits.
These bits are controlled directly by the on chip
activation encoder-decoder. The corresponding
bits in the TXM4 register are not significant.
m45X in NT mode is CS0 bit: this is normally 0
(UID performing warm start). Nevertheless, user
can force CSO to 1 by setting m45X to 1.
When a read back is operated on TXM4, m41x,
m42x in LT, m47x are indicating the current value
of act, dea in LT and uoa/sai bits transmitted to
the line.
Receive spare M4 overhead bits register
(RXM4) (read only)
After reset: 75H
m41r m42r m43r m44r m45r m46r m47r m48r
RXM4 Register is constituted of 8 bits. When the
line is fully activated (super frame synchronized),
STLC5411 extracts the M4 channel bits. m41 is
the act bit; m42 in NT mode is the dea bit; in NT
m47 is the uoa bit; in LT m47 is the sai bit. These
bits are under the control of the activation se-
quencer. No interrupt cycle is provided for the
RXM4 register when a change on one of the acti-
vation bits is detected; never the less, they are
available in RXM4.
When one of the remaining received spare bits is
validated following the criteria selected in the
Configuration Register OPR, the RXM4 register
content is queued in the interrupt register stack, if
no mask overhead bits is set (see MOB bit in CR4
register). It is always possible to read this register
by writting RXM4 bit = 1 in RXOH register.
Transmit
M5
and
M6
channels
register
(TXM56)
After reset: 1FH
-
-
-
m51X m61X m52X
febx
febx
m51X, m61X, m52X spare over-head bits are nor-
mally equal to 1. Default value can be changed by
setting the respective bits. These bits are trans-
mitted to the line in SL2/SL3 or SN3 signal.
febx Transmit febe bit control
The febe can be forced to 0 by writing 0 in one of
febx if RFS bit in CR6 register is set to 1. The febe bit
set to zero is sent once to the line in the following
available superframe. After febe transmission, febx
bit returns to 1; the two bits positions are identical
and allow direct compatibility between UIDs set in
auto-mode (repeter).
Note: the febx bits in TXM56 register are not the
only way to force febe = 0 to the line.
First, the febx action is controlled by RFS bit in
CR6 register.
Second, the nebe = 0 (local crc cmputing result)
forces also febe = 0 to the line and this action is
controlled by LFS bit in CR6 register.
Third, TFB0 = 0 in CR6 register forces permanen-
tely febe = 0 to the line.
STLC5411
47/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com