Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5411 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STLC5411
Description  2B1Q U INTERFACE DEVICE
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5411 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STLC5411 Datasheet HTML 22Page - STMicroelectronics STLC5411 Datasheet HTML 23Page - STMicroelectronics STLC5411 Datasheet HTML 24Page - STMicroelectronics STLC5411 Datasheet HTML 25Page - STMicroelectronics STLC5411 Datasheet HTML 26Page - STMicroelectronics STLC5411 Datasheet HTML 27Page - STMicroelectronics STLC5411 Datasheet HTML 28Page - STMicroelectronics STLC5411 Datasheet HTML 29Page - STMicroelectronics STLC5411 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
isters description for details.
When NT1-AUTO or NT-RR-AUTO mode is se-
lected, bits ps1 and ps2 in M4 channel are con-
trolled directly by biasing input pins ES1 and ES2
respectively. e.g. ps1 is sent continuously to the
line equal 0 when ES1 input is forced at 0 Volt.
Spare M5 and M6 bits
The spare bit positions in the M5 and M6 field
form a channel in which are transmitted data bits
loaded from the TXM56 transmit register. On the
receive side, the spare bits in the M5 and M6
field are first validated and then stored in the
RXM56 receive register. See OPR, TXM56 and
RXM56 registers description for details.
CRC calculation/checking
In transmit direction, an on-chip CRC calculation
circuit automatically generates a checksum of the
2B+D+M4 bits using the specified 12th order
polynomial. Once per superframe, the CRC is
transmitted in the M5 and M6 bit positions. In re-
ceive direction, a checksum is again calculated
on the same bits as they are received and, at the
end of the superframe compared with the re-
ceived CRC. The result of this comparison gener-
ates a ”Far End Block Error” bit (febe) which is
transmitted back towards the other end of the
Line in the next but one superframe and an indi-
cation of Near End Block Error is sent to the sys-
tem by means of Register RXM56. If there is no
error in superframe, febe is set = 1, and if there is
one or more errors, febe is set = 0.
UID also includes two 8 bits Block Error Counters
associated with the febe bits transmitted and re-
ceived. It is then possible to select one Error
Counter per direction or to select only one counter
for both by means of bit C2E in OPR register. Block
error counting is always enabled but it is possible to
disabled the threshold interrupt and/or to en-
able/disable the interrupt issued at each received or
transmitted block error detection. See OPR register
for details.
Loopbacks
Six transparent or non transparent channel loop-
backs are provided by UID. It is therefore possible to
operate any loopback on B1, B2 and D channels line
to line or DSI/GCI to DSI/GCI. Command are
grouped in CR3 register.
In addition to the channel loopbacks in LT modes,
a complete transparent loopback operated at the
transmission side of UID allows the device to acti-
vate through an appropriate sequence with the
complete data stream looped-back to the re-
ceiver. Therefore, most of analog/digital clock and
data recovery circuits are tested. After activation
completed, an AI status indication is reported.
Complete loopback is enabled with ARL command
in TXACT register.
STLC5411
26/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com