Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5411 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STLC5411
Description  2B1Q U INTERFACE DEVICE
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5411 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STLC5411 Datasheet HTML 24Page - STMicroelectronics STLC5411 Datasheet HTML 25Page - STMicroelectronics STLC5411 Datasheet HTML 26Page - STMicroelectronics STLC5411 Datasheet HTML 27Page - STMicroelectronics STLC5411 Datasheet HTML 28Page - STMicroelectronics STLC5411 Datasheet HTML 29Page - STMicroelectronics STLC5411 Datasheet HTML 30Page - STMicroelectronics STLC5411 Datasheet HTML 31Page - STMicroelectronics STLC5411 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
Table 4: NT-to-Network 2B1Q Superframe Technique and Overhead Bit Assignments.
FRAMING
2B+D
Overhead Bits (M1-M6)
Quat Positions
1-9
10-117
118s
118m
119s
119m
120s
120m
Bit Positions
1-18
19-234
235
236
237
238
239
240
Super
Basic
Frame
Frame
#
#
Sync Word
2B+D
M1
M2
M3
M4
M5
M6
1
1
ISW
2B+D
eoca1
eoca2
eoca3
act
1
1
2
SW
2B+D
eocdm
eoci1
eoci2
ps1
1
febe
3
SW
2B+D
eoci3
eoci4
eoci5
ps2
crc1
crc2
4
SW
2B+D
eoci6
eoci7
eoci8
ntm
crc3
crc4
5
SW
2B+D
eoca1
eoca2
eoca3
cso
crc5
crc6
6
SW
2B+D
eocdm
eoci1
eoci2
1
crc7
crc8
7
SW
2B+D
eoci3
eoci4
eoci5
sai
crc9
crc10
8
SW
2B+D
eoci6
eoci7
eoci8
1
crc11
crc12
2,3,...
NT-to-Network superframe delay offset from Network-to-NT superframe by 60
± 2 quats (about 0.75 ms).
All bits than the Sync Word are scrambled.
Symbols & Abbreviations:
”1”
reserve = reserved bit for future standard; set = 1
ps1,
ps2
power status bits (set = 0 to indicate power
problems)
eoc
embedded operations channel
a = address bit
dm = data/message indicator
i = information (data/message)
ntm
NT in Test Mode bit (set = 0 to indicate test mode
SW
synchronization word
cso
cold-start-only bit (set = 1 to indicate cold-start-only
ISW
inverted synchronization word
crc
cyclic redundancy check: covers 2B+D & M4
1 = most significant bit
2 = next most significant bit
etc
s
sign bit (first) in quat
febe
far end block error bit (set = 0 for errored
superframe)
m
magnitude bit (second) in quat
sai
S/T interface activation indication bit.
act
activation bit
Figure 6: Example of 2B1Q Quaternary Symbols.
STLC5411
28/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com