Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5411 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLC5411
Description  2B1Q U INTERFACE DEVICE
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5411 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLC5411 Datasheet HTML 11Page - STMicroelectronics STLC5411 Datasheet HTML 12Page - STMicroelectronics STLC5411 Datasheet HTML 13Page - STMicroelectronics STLC5411 Datasheet HTML 14Page - STMicroelectronics STLC5411 Datasheet HTML 15Page - STMicroelectronics STLC5411 Datasheet HTML 16Page - STMicroelectronics STLC5411 Datasheet HTML 17Page - STMicroelectronics STLC5411 Datasheet HTML 18Page - STMicroelectronics STLC5411 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
To read a 12 bits message, the difference is:
limited address field:
A7 - A4
extended data field (D11 - D8): A3 - A0.
The Write/Read back indicator doesn‘t exit.
DIGITAL SYSTEM INTERFACE
Two B channels, each at 64 kbit/s and one D chan-
nel at 16 kbit/s form the Basic access data. Basic
access data is transferred on the Digital System In-
terface with several different formats selectable by
means of the configuration register CR1.
The DSI is basically constituted of 5 wires (see
fig.2 and 3):
BCLK
Bx
Br
FSa
FSb
bit clock
data input to transmit to the line
data output received from the line
Transmit Frame sync
Receive Frame sync
It is possible to separate the D channel from the B
channels and to transfer it on a separate Digital
Interface constituted of 2 pins:
Dx
Dr
D channel data input
D channel data ouput
The TDM (Time Division Multiplex) mode uses
the same bit and frame clocks as for the B chan-
nels. The continuous mode uses an internally
generated 16 kHz bit clock output:
DCLK
D channel clock output
For all formats when D channel port is enabled
”continuous mode” is possible. When the D chan-
nel port is enabled in TDM mode, D bits are as-
signed according to the related format on Dx and
Dr .
STLC5411 provides a choice of four multiplexed
formats for the B and D channels data as shown
in fig.2 and 3.
Format 1: the 2B+D data transfer is assigned to
the first 18 bits of the frame on Br and Bx I/0 pins.
Channels are assigned as follows: B1(8 bits),
B2(8 bits), D(2 bits), with the remaining bits ig-
nored until the next Frame sync pulse.
Format 2: the 2B+D data transfer is assigned to
the first 19 bits of the frame on Br and Bx I/O
pins. Channels are assigned as follows: B1(8
bits), D(1 bit), 1 bit ignored, B2(8 bits), D(1 bit),
with the remaining bits ignored until the next
frame sync pulse.
Format 3: B1 and B2 Channels can be inde-
pendently assigned to any 8 bits wide time slot
among 64 (or less) on the Bx and Br pins. The
transmit and receive directions are also inde-
pendent. When TDM mode is selected, the D
channel can be assigned to any 2 bits wide time
slot among 256 on the Bx and Br pins or on the
Dx and Dr pins (D port disabled or enabled in
TDM mode respectively).
Format 4: is a GCI like format excluding Monitor
channel and C/I channel. The 2B+D data transfer
is assigned to the first 26 bits of the frame on Br
and Bx I/O pins. Channels are assigned as fol-
lows. B1(8 bits) B2(8 bits), 8 bits ignored, D(2
bits), with remaining bits ignored up to the next
frame sync pulse.
When the Digital Interface clocks are selected as
inputs, FSa must be a 8 kHz clock input which in-
dicates the start of the frame on the data input pin
Bx. When the Digital Interface clocks are selected
as outputs, FSa is an 8 kHz output pulse con-
forming to
the selected format which indicates
the frame beginning for both Tx and Rx direc-
tions.
When the Digital Interface clocks are selected as
inputs, FSb is a 8 kHz clock input which defines
the start of the frame on the data ouput pin Br.
When the Digital Interface clocks are selected as
outputs, FSb is a 8 kHz output pulse indicating
the second 64kbit/s slot.
Two phase-relations between the rising edge of
FSa/FSb and the first (or second for FSb as out-
put) slot of the frame can be selected depending
on format selected: Delayed timing mode or non
Delayed timing mode.
Non delayed data mode is similar to long frame
timing on the COMBOI/II series of devices: The
first bit of the frame begins nominally coincident
with the rising edge of FSa/b. When output, FSa
is coincident with the first 8 bits wide time-slot
while FSb is coincident with the second 8 bits
wide time-slot. Non delayed mode is not available
in format 2.
Delayed timing mode, which is similar to short
frame sync timing on COMBO I/II, in which the
FSa/b input must be set high at least a half cycle
of BCLK earlier the frame beginning. When out-
put, FSa 1bit wide pulse indicates the first 8 bits
wide time-slot while FSb indicates the second.
Delayed mode is not available in format 4.
2B+D basic access data to transmit to the line
can be shifted in at the BCLK frequency on the
falling edges during the assigned time-slots.
When D channel port is enabled, only B1 & B2
data is shifted in during the assigned time slots. In
format 4, data is shifted in at half the BCLK fre-
quency on the receive falling edges.
2B+ D basic access data received from the line
can be shifted out from the Br output at the BCLK
frequency on the rising edges during the assigned
time-slots. Elsewhere, Br is in the high impedance
state. When the D channel port is enabled, only
B1 & B2 data is shifted out from Br. In Format 4,
data is shifted out at half the BCLK frequency on
the transmit rising edges; there is 1.5 period delay
between the rising transmit edge and the receive
falling edge of BCLK.
STLC5411
15/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com