Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5411 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STLC5411
Description  2B1Q U INTERFACE DEVICE
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5411 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STLC5411 Datasheet HTML 42Page - STMicroelectronics STLC5411 Datasheet HTML 43Page - STMicroelectronics STLC5411 Datasheet HTML 44Page - STMicroelectronics STLC5411 Datasheet HTML 45Page - STMicroelectronics STLC5411 Datasheet HTML 46Page - STMicroelectronics STLC5411 Datasheet HTML 47Page - STMicroelectronics STLC5411 Datasheet HTML 48Page - STMicroelectronics STLC5411 Datasheet HTML 49Page - STMicroelectronics STLC5411 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
second line section to the first line section and
viceversa.
RFS = 1: Transfert anomalies second section
first section and viceversa allowed.
RFS = 0: Transfert anomalies second section
first section and viceversa not allowed.
LFS Local febe select.
Please report to the figure 10. LFS is usefull in re-
port application to transfert or not the crc anoma-
lies (nebe) of a line section to the febe bit of the
same line section.
RFS = 0: The computing febe takes in account
the local nebe.
RFS = 1: The computing febe does not take in
account the local nebe.
Configuration register TXB1
Significant only when format 3 selected.
(
µW/DSI Only)
After reset: 00H Time slot 0 selected.
-
-
B1X5 B1X4 B1X3 B1X2 B1X1 B1X0
B1X5-B1X0 Transmit B1 Time Slot Assignment
Those bits define the binary number of the trans-
mit B1 channel time-slot on Bx input. Time slot
are numbered from 0 to 63. The register content
is taken into account at each frame beginning.
Configuration register RXB1
Significant only when format 3 selected.
(
µW/DSI Only)
After reset: 00h Time slot 0 selected.
B1R5 B2R4 B2R3 B2R2 B2R1 B2R0
B1R5-B1R0 Receive B1 Time Slot Assignment
B1R5-B1R0 bits define the binary number of the
receive B1 channel time-slot on BR output. Time
slot are numbered from 0 to 63. The register con-
tent is taken into account at each frame begin-
ning.
Configuration register TXB2
Significant only when format 3 selected.
(
µW/DSI Only)
After reset: 01H Time slot 1 selected.
-
-
B2X5 B2X4 B2X3 B2X2 B2X1 B2X0
B2X5-B2X0 Transmit B2 Time Slot Assignment
Those bits define the binary number of the trans-
mit B2 channel time-slot on Bx input. Time slots
are numbered from 0 to 63. The register content
is taken into account at each frame beginning.
Configuration register RXB2
Significant only when format 3 selected. (
µW/DSI
Only)
After reset: 01H Time slot 1 selected.
-
-
B2R5 B2R4 B2R3 B2R2 B2R1 B2R0
B2R5-B2R0 Receive B2 Time Slot Assignment
Those bits define the binary number of the re-
ceive B2 channel time-slot on BR output. Time
slot are numbered from 0 to 63. The register con-
tent is taken into account at each frame begin-
ning.
Configuration register TXD
After reset:
µW mode 08H (sub time slot 0, time slot 2 se-
lected)
Significant only when format 3 is selected with the
D channel selected in the multiplexed mode:
DX5
DX4
DX3
DX2
DX1
DX0
SX1
SX0
DX5-SX0 Transmit D channel Time Slot Assign-
ment
DX5-DX0 and SX1-SX0 bits define the binary
number of the transmit D channel time-slot. DX5-
DX0 bits define the binary number of the 8 bits
wide timeslot. Time slot are numbered from 0 to
63. Within this selected time slot, SX1,SX0 bits
define the binary number of the 2 bits wide time-
slot. Sub time-slots are numbered 0 to 3. The reg-
ister content is taken into account at each frame
beginning.
Configuration register RXD
After reset:
µW mode 08H (sub time slot 0, time slot 2 se-
lected)
Significant only when format 3 is selected with the
D channel selected in multiplexed mode.
DR5
DR4
DR3
DR3
DR2
DR1
SR1
SR0
DR5-SR0 Receive D channel Time Slot Assign-
ment
DR5-DR0 and SR1-SR0 bits define the binary
number of the receive D channel time-slot. DR5-
DR0 bits define the binary number of the 8 bits
wide timeslot. Time slot are numbered from 0 to
63. Within this selected time slot., SR1,SR0 bits
define the binary number of the 2 bits wide time-
slot. Sub time-slots are numbered 0 to 3. The reg-
ister content is taken into account at each frame
beginning.
STLC5411
46/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com