Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5411 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STLC5411
Description  2B1Q U INTERFACE DEVICE
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5411 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STLC5411 Datasheet HTML 21Page - STMicroelectronics STLC5411 Datasheet HTML 22Page - STMicroelectronics STLC5411 Datasheet HTML 23Page - STMicroelectronics STLC5411 Datasheet HTML 24Page - STMicroelectronics STLC5411 Datasheet HTML 25Page - STMicroelectronics STLC5411 Datasheet HTML 26Page - STMicroelectronics STLC5411 Datasheet HTML 27Page - STMicroelectronics STLC5411 Datasheet HTML 28Page - STMicroelectronics STLC5411 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
the frame and superframe syncwords. STLC5411
is frame-synchronized when two consecutive
synchwords have been consecutively detected.
Frame lock will be maintained until six consecu-
tive errored sync-words are detected, which will
cause the flywheel to attempt to re-synchronize. If
a loss of frame sync condition persists for 480ms
the device will cease searching, cease transmit-
ting and go automatically into the RESET state,
ready for a further cold start. When UID is frame-
synchronized, it is superframe-locked upon the
first superframe sync-word detection. No loss of
superframe sync-word is provided.
While the receiver is synchronized, data is de-
scrambled using the specified polynomial, and in-
dividual channels demultiplexed and passed to
their respective processing circuits: user’s 2B+D
channel data is transmitted to the Digital Interface
through an elastic data buffer allowing any phase
deviation with the line; the activation/deactivation
bits (M4) are transmitted to the on-chip activation
sequencer; CRC is transmitted to CRC checking
section while maintenance data (eoc) and other
spare bits in the overhead channels (M4, M5, M6)
are stored in their respective Rx registers.
In NT applications, if the Digital Interface is se-
lected in master mode (see CR1) BCLK and FSa
clock outputs are phase-locked to the recovered
clock. If it is selected in Slave mode ie for NT1-2
application, the on-chip elastic buffers allow
BCLK and FSa to be input from an external
source, which must be frequency locked to the re-
ceived line signal ie using the SCLK output but
with arbitrary phase.
ELASTIC BUFFERS
The UID buffers the 2B+D data in elastic fifos
which are 3 line-frames deep in each direction.
When the Digital Interface is a timing slave, these
FIFOs compensate for relative jitter and wander
between the Digital Interface and the line. Each
buffer can absorb wander up to 18
µs at 80 KHz
max without ”slip”. This is particulary convenient
for NT1-2 or PABX application in case the local
reference clock is jitterized and wandered relative
to the incoming signal from the line.
MAINTENANCE FUNCTIONS
M channel
In each frame there are 6 ”overhead” bits assigned
to various control and maintenance functions.
Some programmable processing of these bits is
provided on chip while interaction with an external
controller provides the flexibility to take full advan-
tage of the maintenance channels. See OPR,
TXM4, TXM56, TXEOC, RXM4, RXM56, RXEOC
registers description fo details. New data written to
any of the Overhead bit Transmit Registers is
resynchronized internally to the next available
complete superframe or half superframe, as ap-
propriate.
Embedded Operation Channel (EOC)
The EOC channel consists of two complete 12
bits
messages
per
superframe,
distributed
through the M1, M2 and M3 bits of each frame.
Each message is composed of 3 fields; a 3 bit ad-
dress identifying the message destination/origin,
a 1 bit indicator for the data mode i.e. encoded
message or raw data, and an 8 bits information
field. The Control Interface (Microwire or Monitor
channel in GCI) provides access to the complete
12 bits of every message in TX and RX EOC reg-
isters.
When non-auto mode is selected, UID does not in-
terpret the received eoc messages e.g. ”send cor-
rupted CRC”; therefore the appropriate command
instruction must be written to the device e.g. ”set to
one bit CTC in register CR4”. It is possible to select
a transparent transmission mode in which the EOC
channel can be considered as a transparent 2 kbit/s
channel. See OPR register description for details.
When auto-mode is selected in GCI configuration,
UID performs automatic recognition / acknow-
ledgement of the EOC messages sent by the net-
work according to processing defined in ANSI
standard and illustrated in figure 9. When UID rec-
ognizes a message with the appropriate address
and a known command, it performs automatically
the relevant action inside the device and send a
message at the digital interface as appropriate. Ta-
ble 5 gives the list of recognized eoc messages and
associated actions.
When NT-RR-AUTO configuration is selected,
eoc addressing is processed according to appen-
dix E of T1E1.601 standard:
– If address of the eoc message received from
LT is in the range of 2 to 6, UID decrements
address and pass the message onto GCI.
– If address of the eoc message received from
GCI is in the range of 1 to 5, UID increments
address and pass the message onto the line
toward LT.
– If data/msg indicator is set to 0, UID pass
data on transparently with eoc address as de-
scribed above.
M4 channel
M4 bit positions of every frame is a channel in
which are transmitted data bits loaded from the
TXM4 transmit register and from the on-chip acti-
vation sequencer once the superframe. On the re-
ceive side, M4 bits from one complete superframe
are first validated and then stored in the RXM4
Receive Register or transmitted to on-chip activa-
tion sequencer. See OPR, TXM4 and RXM4 reg-
STLC5411
25/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com