Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6713ATR Datasheet(PDF) 54 Page - STMicroelectronics

Part # L6713ATR
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713ATR Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L6713ATR Datasheet HTML 50Page - STMicroelectronics L6713ATR Datasheet HTML 51Page - STMicroelectronics L6713ATR Datasheet HTML 52Page - STMicroelectronics L6713ATR Datasheet HTML 53Page - STMicroelectronics L6713ATR Datasheet HTML 54Page - STMicroelectronics L6713ATR Datasheet HTML 55Page - STMicroelectronics L6713ATR Datasheet HTML 56Page - STMicroelectronics L6713ATR Datasheet HTML 57Page - STMicroelectronics L6713ATR Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
Thermal monitor
L6713A
54/64
22
Thermal monitor
L6713A continuously senses the system temperature through TM pin: depending on the
voltage sensed by this pin, the device sets free the VR_FAN pin as a warning and, after
further temperature increase, also the VR_HOT pin as an alarm condition.
These signals can be used to give a boost to the system fan (VR_FAN) and improve the VR
cooling, or to initiate the CPU low power state (VR_HOT) in order to reduce the current
demand from the processor so reducing also the VR temperature. In a different manner,
VR_FAN can be used to initiate the CPU low power state so reducing the processor current
requirements and VR_HOT to reset the system in case of further dangerous temperature
increase.
Thermal sensors is external to the PWM control IC since the controller is normally not
located near the heat generating components: it is basically composed by a NTC resistor
and a proper biasing resistor RTM. NTC must be connected as close as possible at the
system hot-spot in order to be sure to control the hottest point of the VR.
Typical connection is reported in Figure 27 that also shows how the trip point can be easily
programmed by modifying the divider values in order to cross the VR_FAN and VR_HOT
thresholds at the desired temperatures.
Both VR_HOT and VR_FAN are active high and open drain outputs. Thermal Monitor
function is enabled if VCC>>UVLOVCC.
Figure 27.
System thermal monitor typical connections
TM
Sense Element
(Place remotely, near Hot Spot)
+5V
R
TM
TM Voltage - NTC=3300/4250K
2.00
2.20
2.40
2.60
2.80
3.00
3.20
3.40
3.60
3.80
4.00
80
85
90
95
100
105
110
115
120
Temperature [degC]
Rtm = 330
Rtm = 390
Rtm = 470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com