Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6713ATR Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6713ATR
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713ATR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6713ATR Datasheet HTML 14Page - STMicroelectronics L6713ATR Datasheet HTML 15Page - STMicroelectronics L6713ATR Datasheet HTML 16Page - STMicroelectronics L6713ATR Datasheet HTML 17Page - STMicroelectronics L6713ATR Datasheet HTML 18Page - STMicroelectronics L6713ATR Datasheet HTML 19Page - STMicroelectronics L6713ATR Datasheet HTML 20Page - STMicroelectronics L6713ATR Datasheet HTML 21Page - STMicroelectronics L6713ATR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
VID Tables
L6713A
18/64
5.3
Voltage identifications (VID) for Intel VR10 mode + 6.25 mV
(VID7 does not care)
3
8
1.26250
7
8
0.86250
B
8
0.46250
F
8
0.06250
3
9
1.25625
7
9
0.85625
B
9
0.45625
F
9
0.05625
3
A
1.25000
7
A
0.85000
B
A
0.45000
F
A
0.05000
3
B
1.24375
7
B
0.84375
B
B
0.44375
F
B
0.04375
3
C
1.23750
7
C
0.83750
B
C
0.43750
F
C
0.03750
3
D
1.23125
7
D
0.83125
B
D
0.43125
F
D
0.03125
3
E
1.22500
7
E
0.82500
B
E
0.42500
F
E
OFF
3
F
1.21875
7
F
0.81875
B
F
0.41875
F
F
OFF
1.
According to VR11 specs, the device automatically regulates output voltage 19 mV lower to avoid any
external offset to modify the built-in 0.5 % accuracy improving TOB performances. Output regulated
voltage is than what extracted from the table lowered by 19 mV built-in offset.
Table 7.
Voltage identification (VID) for Intel VR11 mode (See Note) (continued)
HEX code
Output
voltage
(1)
HEX code
Output
voltage
(1)
HEX code
Output
voltage
(1)
HEX code
Output
voltage
(1)
Table 8.
Voltage identifications (VID) for Intel VR10 mode + 6.25 mV (See Note)
VID
4
VID
3
VID
2
VID
1
VID
0
VID
5
VID
6
Output
voltage
(1)
VID
4
VID
3
VID
2
VID
1
VID
0
VID
5
VID
6
Output
voltage
(1)
0101011
1.60000
1101011
1.20000
0101010
1.59375
1101010
1.19375
0101101
1.58750
1101101
1.18750
0101100
1.58125
1101100
1.18125
0101111
1.57500
1101111
1.17500
0101110
1.56875
1101110
1.16875
0110001
1.56250
1110001
1.16250
0110000
1.55625
1110000
1.15625
0110011
1.55000
1110011
1.15000
0110010
1.54375
1110010
1.14375
0110101
1.53750
1110101
1.13750
0110100
1.53125
1110100
1.13125
0110111
1.52500
1110111
1.12500
0110110
1.51875
1110110
1.11875
0111001
1.51250
1111001
1.11250
0111000
1.50625
1111000
1.10625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com