Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6713ATR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6713ATR
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713ATR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6713ATR Datasheet HTML 16Page - STMicroelectronics L6713ATR Datasheet HTML 17Page - STMicroelectronics L6713ATR Datasheet HTML 18Page - STMicroelectronics L6713ATR Datasheet HTML 19Page - STMicroelectronics L6713ATR Datasheet HTML 20Page - STMicroelectronics L6713ATR Datasheet HTML 21Page - STMicroelectronics L6713ATR Datasheet HTML 22Page - STMicroelectronics L6713ATR Datasheet HTML 23Page - STMicroelectronics L6713ATR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
VID Tables
L6713A
20/64
5.4
Mapping for the AMD 6 bit mode
5.5
Voltage identifications (VID) codes for AMD 6 bit mode
1011010
1.29375
0011010
0.91875
1011101
1.28750
0011101
0.91250
1011100
1.28125
0011100
0.90625
1011111
1.27500
0011111
0.90000
1011110
1.26875
0011110
0.89375
1100001
1.26250
0100001
0.88750
1100000
1.25625
0100000
0.88125
1100011
1.25000
0100011
0.87500
1100010
1.24375
0100010
0.86875
1100101
1.23750
0100101
0.86250
1100100
1.23125
0100100
0.85625
1100111
1.22500
0100111
0.85000
1100110
1.21875
0100110
0.84375
1101001
1.21250
0101001
0.83750
1101000
1.20625
0101000
0.83125
1.
According to VR10.x specs, the device automatically regulates output voltage 19 mV lower to avoid any
external offset to modify the built-in 0.5 % accuracy improving TOB performances. Output regulated
voltage is than what extracted from the table lowered by 19mVbuilt-in offset. VID7 doesn’t care.
Table 8.
Voltage identifications (VID) for Intel VR10 mode + 6.25 mV (See Note)
VID
4
VID
3
VID
2
VID
1
VID
0
VID
5
VID
6
Output
voltage
(1)
VID
4
VID
3
VID
2
VID
1
VID
0
VID
5
VID
6
Output
voltage
(1)
Table 9.
Voltage identifications (VID) mapping for AMD 6 bit mode
VID4
VID3
VID2
VID1
VID0
400 mV
200 mV
100 mV
50 mV
25 mV
Table 10.
Voltage identifications (VID) codes for AMD 6 bit mode (See Note)
VID5
VID4
VID3
VID2
VID1
VID0
Output
voltage (1)
VID5
VID4
VID3
VID2
VID1
VID0
Output
voltage (1)
000000
1.5500
1
00000
0.7625
000001
1.5250
1
00001
0.7500
000010
1.5000
1
00010
0.7375
000011
1.4750
1
00011
0.7250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com