Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6713ATR Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6713ATR
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713ATR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6713ATR Datasheet HTML 33Page - STMicroelectronics L6713ATR Datasheet HTML 34Page - STMicroelectronics L6713ATR Datasheet HTML 35Page - STMicroelectronics L6713ATR Datasheet HTML 36Page - STMicroelectronics L6713ATR Datasheet HTML 37Page - STMicroelectronics L6713ATR Datasheet HTML 38Page - STMicroelectronics L6713ATR Datasheet HTML 39Page - STMicroelectronics L6713ATR Datasheet HTML 40Page - STMicroelectronics L6713ATR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
L6713A
Load transient boost technologyTM
37/64
13
Load transient boost technologyTM
Load transient boost LTB Technology™ (patent pending) is a L6713A feature to minimize
the count of output filter capacitors (MLCC and bulk capacitors) to respect the load transient
specifications.
The device turns on simultaneously all the phases as soon as a load transient is detected
and keep them on for the necessary time to supply the extra energy to the load. This time
depends on the COMP pin voltage and on a internal gain, in order to keep under control the
output voltage ring back.
Load transition is detected through LTB™ pin connecting a RLTB-CLTB vs. VOUT: the device
measures the derivate dV/dt of the output voltage and so it is able to turns on all the phases
immediately after a load transition detection, minimizing the delay intervention.
Modifying the RLTB-CLTB values the dV/dt can be easily programmed, extending the system
design flexibility
where dVOUT is the output voltage drop due to load transition.
Moreover, load transient boost LTB Technology™ gain can be easily modified in order to
keep under control the output voltage ring back.
Figure 12.
LTB connections (left) and waveform (right)
Short LTB pin to SGND to disable the LTB Technology™: in this condition the device works
as a dual-edge asynchronous PWM controller.
R
LTB
dV
OUT
50
μA
------------------
=
C
LTB
1
2
π R
LTB
NF
SW
⋅⋅
⋅ ⋅
------------------------------------------------------
=
LTB
To VCC_Core
RLTB
CLTB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com