Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6713ATR Datasheet(PDF) 38 Page - STMicroelectronics

Part # L6713ATR
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713ATR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L6713ATR Datasheet HTML 34Page - STMicroelectronics L6713ATR Datasheet HTML 35Page - STMicroelectronics L6713ATR Datasheet HTML 36Page - STMicroelectronics L6713ATR Datasheet HTML 37Page - STMicroelectronics L6713ATR Datasheet HTML 38Page - STMicroelectronics L6713ATR Datasheet HTML 39Page - STMicroelectronics L6713ATR Datasheet HTML 40Page - STMicroelectronics L6713ATR Datasheet HTML 41Page - STMicroelectronics L6713ATR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
Load transient boost technologyTM
L6713A
38/64
13.1
LTB™ gain modification (Optional)
The internal gain can be modified through the SS/LTBG/AMD pin, as shown in the
Figure 13.
The SS/LTBG/AMD pin is also used to set the soft-start time, so the current flowing from
SS/LTBG/AMD pin has to be modified only after the soft-start has been finished.
Using the D diode and R3 resistor (red square in Figure 13), after the soft-start the current
flowing from SS/LTBG/AMD pin versus SGND is zero, so the internal gain is not modified.As
a consequence the LTB™ gain is the default value (LTB™ gain = 2).
To decrease the LTB™ gain it is necessary to use the circuit composed by Q, R1 and R2
(blue square in Figure 13.)
After the soft-start the current flowing from SS/LTBG/AMD pin depends only on R1 resistor,
so reducing the R1 resistor value the LTB™ gain can be reduced. The sum of R1 and R2
resistors have to be selected to have the desiderated soft-start time.
Figure 13.
SS/OSC/LTB connections to modify LTB™ gain when using INTEL mode
SS/LTBG/ AMD
SS_END
R2
R1
R3
D
Q
RPull-Up(1k)
VPull-Up(1.2V)
to SSEND Logic
LTB GAIN=2
LTB GAIN <2
Rb(10k)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com