Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6713ATR Datasheet(PDF) 51 Page - STMicroelectronics

Part # L6713ATR
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713ATR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L6713ATR Datasheet HTML 47Page - STMicroelectronics L6713ATR Datasheet HTML 48Page - STMicroelectronics L6713ATR Datasheet HTML 49Page - STMicroelectronics L6713ATR Datasheet HTML 50Page - STMicroelectronics L6713ATR Datasheet HTML 51Page - STMicroelectronics L6713ATR Datasheet HTML 52Page - STMicroelectronics L6713ATR Datasheet HTML 53Page - STMicroelectronics L6713ATR Datasheet HTML 54Page - STMicroelectronics L6713ATR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
L6713A
Driver section
51/64
20
Driver section
The integrated high-current drivers allow using different types of power MOS (also multiple
MOS to reduce the equivalent RDS(on)), maintaining fast switching transition.
The drivers for the high-side MOSFETs use BOOTx pins for supply and PHASEx pins for
return. The drivers for the low-side MOSFETs use VCCDRx pin for supply and PGNDx pin
for return. A minimum voltage at VCCDRx pin is required to start operations of the device.
VCCDRx pins must be connected together.
The controller embodies a sophisticated anti-shoot-through system to minimize low side
body diode conduction time maintaining good efficiency saving the use of Schottky diodes:
when the high-side MOSFET turns OFF, the voltage on its source begins to fall; when the
voltage reaches 2 V, the low-side MOSFET gate drive is suddenly applied. When the low-
side MOSFET turns OFF, the voltage at LGATEx pin is sensed. When it drops below 1 V, the
high-side MOSFET gate drive is suddenly applied.
If the current flowing in the inductor is negative, the source of high-side MOSFET will never
drop. To allow the turning on of the low-side MOSFET even in this case, a watchdog
controller is enabled: if the source of the high-side MOSFET doesn't drop, the low side
MOSFET is switched on so allowing the negative current of the inductor to recirculate. This
mechanism allows the system to regulate even if the current is negative.
The BOOTx and VCCDRx pins are separated from IC's power supply (VCC pin) as well as
signal ground (SGND pin) and power ground (PGNDx pin) in order to maximize the
switching noise immunity. The separated supply for the different drivers gives high flexibility
in MOSFET choice, allowing the use of logic-level MOSFET. Several combination of supply
can be chosen to optimize performance and efficiency of the application.
Power conversion input is also flexible; 5 V, 12 V bus or any bus that allows the conversion
(See maximum duty cycle limitations) can be chosen freely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com