Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6713ATR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6713ATR
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713ATR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6713ATR Datasheet HTML 9Page - STMicroelectronics L6713ATR Datasheet HTML 10Page - STMicroelectronics L6713ATR Datasheet HTML 11Page - STMicroelectronics L6713ATR Datasheet HTML 12Page - STMicroelectronics L6713ATR Datasheet HTML 13Page - STMicroelectronics L6713ATR Datasheet HTML 14Page - STMicroelectronics L6713ATR Datasheet HTML 15Page - STMicroelectronics L6713ATR Datasheet HTML 16Page - STMicroelectronics L6713ATR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
L6713A
Electrical characteristics
13/64
4
Electrical characteristics
VCC = 12 V ± 15 %, TJ = 0 °C to 70 °C, unless otherwise specified
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Supply current
ICC
VCC supply current
HGATEx and LGATEx = OPEN
VCCDRx = BOOTx = 12 V
17
mA
ICCDRx
VCCDRx supply current
LGATEx = OPEN; VCCDRx = 12 V
1
mA
IBOOTx
BOOTx supply current
HGATEx = OPEN; PHASEx to
PGNDx VCC = BOOTx = 12 V
0.75
mA
Power-ON
UVLOVCC
VCC turn-ON
VCC Rising; VCCDRx = 5 V
8.9
9.3
V
VCC turn-OFF
VCC Falling; VCCDRx = 5 V
7.3
7.7
V
UVLOVCCDR
VCCDR turn-ON
VCCDRx Rising; VCC = 12 V
4.5
4.8
V
VCCDR turn-OFF
VCCDRx Falling; VCC = 12 V
3.9
4.3
V
UVLOOVP
Pre-OVP turn-ON
VCC Rising; VCCDRx = 5 V
3.6
4.2
V
Pre-OVP turn-OFF
VCC Falling; VCCDRx = 5 V
3.05
3.3
V
Oscillator and inhibit
FOSC
Main oscillator accuracy
OSC = OPEN
OSC = OPEN; TJ = 0 °C to 125 °C
180
175
200
220
225
kHz
T1
SS delay time
Intel mode
1
ms
T2
SS time T2
Intel mode; RSSOSC = 25 kΩ
500
μs
T3
SS time T3
Intel mode
50
μs
OUTEN
Output enable intel mode
Rising thresholds voltage
0.80
0.85
0.90
V
Hysteresis
100
mV
Output enable AMD mode
Input low
0.80
V
Input high
1.40
V
OUTEN pull-up current
OUTEN to SGND
12.5
μA
ΔV
OSC
PWMx ramp amplitude
3
V
FAULT
Voltage at pin OSC
OVP active
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com