Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6713ATR Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6713ATR
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713ATR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6713ATR Datasheet HTML 15Page - STMicroelectronics L6713ATR Datasheet HTML 16Page - STMicroelectronics L6713ATR Datasheet HTML 17Page - STMicroelectronics L6713ATR Datasheet HTML 18Page - STMicroelectronics L6713ATR Datasheet HTML 19Page - STMicroelectronics L6713ATR Datasheet HTML 20Page - STMicroelectronics L6713ATR Datasheet HTML 21Page - STMicroelectronics L6713ATR Datasheet HTML 22Page - STMicroelectronics L6713ATR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
L6713A
VID Tables
19/64
0111011
1.50000
1111011
1.10000
0111010
1.49375
1111010
1.09375
0111101
1.48750
1111101
OFF
0111100
1.48125
1111100
OFF
0111111
1.47500
1111111
OFF
0111110
1.46875
1111110
OFF
1000001
1.46250
0000001
1.08750
1000000
1.45625
0000000
1.08125
1000011
1.45000
0000011
1.07500
1000010
1.44375
0000010
1.06875
1000101
1.43750
0000101
1.06250
1000100
1.43125
0000100
1.05625
1000111
1.42500
0000111
1.05000
1000110
1.41875
0000110
1.04375
1001001
1.41250
0001001
1.03750
1001000
1.40625
0001000
1.03125
1001011
1.40000
0001011
1.02500
1001010
1.39375
0001010
1.01875
1001101
1.38750
0001101
1.01250
1001100
1.38125
0001100
1.00625
1001111
1.37500
0001111
1.00000
1001110
1.36875
0001110
0.99375
1010001
1.36250
0010001
0.98750
1010000
1.35625
0010000
0.98125
1010011
1.35000
0010011
0.97500
1010010
1.34375
0010010
0.96875
1010101
1.33750
0010101
0.96250
1010100
1.33125
0010100
0.95625
1010111
1.32500
0010111
0.95000
1010110
1.31875
0010110
0.94375
1011001
1.31250
0011001
0.93750
1011000
1.30625
0011000
0.93125
1011011
1.30000
0011011
0.92500
Table 8.
Voltage identifications (VID) for Intel VR10 mode + 6.25 mV (See Note)
VID
4
VID
3
VID
2
VID
1
VID
0
VID
5
VID
6
Output
voltage
(1)
VID
4
VID
3
VID
2
VID
1
VID
0
VID
5
VID
6
Output
voltage
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com