Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6713ATR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6713ATR
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713ATR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6713ATR Datasheet HTML 18Page - STMicroelectronics L6713ATR Datasheet HTML 19Page - STMicroelectronics L6713ATR Datasheet HTML 20Page - STMicroelectronics L6713ATR Datasheet HTML 21Page - STMicroelectronics L6713ATR Datasheet HTML 22Page - STMicroelectronics L6713ATR Datasheet HTML 23Page - STMicroelectronics L6713ATR Datasheet HTML 24Page - STMicroelectronics L6713ATR Datasheet HTML 25Page - STMicroelectronics L6713ATR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
Reference schematic
L6713A
22/64
6
Reference schematic
Figure 3.
Reference schematic - Intel VR10.x, VR11 - 3-phase operation
FBG
L1
2
1
63,64
BOOT1
UGATE1
PHASE1
LGATE1
61
PGND1
60
CS1-
31
CS1+
30
Rg
HS1
LS1
L2
10
9
7,8
BOOT2
UGATE2
PHASE2
LGATE2
55
PGND2
54
CS2-
27
CS2+
26
HS2
LS2
L3
6
5
3,4
BOOT3
UGATE3
PHASE3
LGATE3
58
PGND3
59
CS3-
29
CS3+
28
Rg
R
HS3
LS3
SS_END / PGOOD
46
COUT
LOAD
36
FB
22
COMP
23
VID4
41
VID3
42
VID2
43
VID1
44
VID0
45
VID_SEL
34
VID5
40
OVP
33
OCSET
35
VCC
15
SGND
19,50
VCCDR3
57
VCCDR2
56
VCCDR1
62
LIN
VIN
GNDIN
CIN
L6713A REF.SCH:
Intel Mode - 3-Phase Operation
C
R
C
Rg
R
C
39
VID6
VID7 / DVID
OUTEN
17
OUTEN
DROOP
21
PHASE_SEL
16
TM
49
VR_FAN
48
VR_HOT
47
+5V
NTC
SS_END
to BOOT1
to BOOT2
to BOOT3
VIN
VIN
VIN
VID_SEL
VSEN
20
LTB
18
OSC/FAULT
37
SS/LTBG/AMD
32
to SSEND
RSSOSC
RF
CF
CP
RLTB
CLTB
RI
CI
RFB
ROFFSET
Vcc_core
GND_core
RTM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com