Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6713ATR Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6713ATR
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713ATR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6713ATR Datasheet HTML 25Page - STMicroelectronics L6713ATR Datasheet HTML 26Page - STMicroelectronics L6713ATR Datasheet HTML 27Page - STMicroelectronics L6713ATR Datasheet HTML 28Page - STMicroelectronics L6713ATR Datasheet HTML 29Page - STMicroelectronics L6713ATR Datasheet HTML 30Page - STMicroelectronics L6713ATR Datasheet HTML 31Page - STMicroelectronics L6713ATR Datasheet HTML 32Page - STMicroelectronics L6713ATR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
L6713A
Configuring the device
29/64
Output voltage is programmed through the VID pins: they are inputs of an internal DAC that
is realized by means of a series of resistors providing a partition of the internal voltage
reference. The VID code drives a multiplexer that selects a voltage on a precise point of the
divider. The DAC output is delivered to an amplifier obtaining the voltage reference (i.e. the
set-point of the error amplifier, VREF).
Note:
VID pull-ups / pull-downs, VID voltage thresholds and OUTEN thresholds changes
according to the selected DAC: See Table 5 for details.
Note:
VID pull-ups / pull-downs, VID voltage thresholds and OUTEN thresholds changes
according to the selected DAC: See Table 5 for details.
Table 13.
Intel mode configuration (See Note)
Pin
Function (1)
Typical connection
SS / LTBG /
AMD
It allows programming the soft-start time TSS
and also the LTB Technology™ gain. See “Soft-
start” Section and See “Load transient boost
technologyTM” Section for details.
RSSOSC resistor in series to
signal diode vs. SSEND pin.
(LTB™ gain = 2, default value).
VID_SEL
It allows selecting between VR11 DAC or
VR10.x + 6.25 mV extended DAC.
Static info, no dynamic changes allowed.
Open: VR11 (
Table 7 ).
short to SGND: VR10.x
(
Table 8 ).
VID7 to VID0
They allow programming the output voltage
according to Table 7 and Table 8.
Dynamic transitions managed, See “Dynamic
VID transitions” Section for details.
Open: Logic “1” (25
μA pull-up)
Short to SGND: “0”
SSEND /
PGOOD
Soft-start end signal set free after soft-start has
finished. It only indicates soft-start has finished.
Pull-up to anything lower
than 5 V.
Table 14.
AMD mode configuration (See Note)
Pin
Function
Typical connection
SS / LTBG /
AMD
It allows programming AMD 6 BIT DAC.
Short to SGND.
VID_SEL
Not applicable
Need to be shorted to SGND.
VID7 / DVID
Pulled high when performing a D-VID transition.
The pin is kept high with a 32 clock cycles delay.
Not applicable
VID6
Not applicable
Need to be shorted to SGND.
VID5 to VID0
They allow programming the output voltage
according to Table 10.
Dynamic transitions managed, See “Dynamic
VID transitions” Section for details.
Open: “0” (12.5
μA pull-down)
Pull-up to V > 1.4 V: “1”
SSEND /
PGOOD
Power good signal set free after soft-start has
finished whenever the output voltage is within
limits.
Pull-up to anything lower
than 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com