Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6713ATR Datasheet(PDF) 50 Page - STMicroelectronics

Part # L6713ATR
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713ATR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L6713ATR Datasheet HTML 46Page - STMicroelectronics L6713ATR Datasheet HTML 47Page - STMicroelectronics L6713ATR Datasheet HTML 48Page - STMicroelectronics L6713ATR Datasheet HTML 49Page - STMicroelectronics L6713ATR Datasheet HTML 50Page - STMicroelectronics L6713ATR Datasheet HTML 51Page - STMicroelectronics L6713ATR Datasheet HTML 52Page - STMicroelectronics L6713ATR Datasheet HTML 53Page - STMicroelectronics L6713ATR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
Oscillator
L6713A
50/64
19
Oscillator
L6713A embeds two/three phase oscillator with optimized phase-shift (180º/120º phase-
shift) in order to reduce the input rms current and optimize the output filter definition.
The internal oscillator generates the triangular waveform for the PWM charging and
discharging with a constant current an internal capacitor. The switching frequency for each
channel, FSW, is internally fixed at 200 kHz so that the resulting switching frequency at the
load side results in being multiplied by N (number of phases).
The current delivered to the oscillator is typically 25
μA (corresponding to the free running
frequency FSW = 200 kHz) and it may be varied using an external resistor (ROSC) connected
between the OSC pin and SGND or VCC (or a fixed voltage greater than 1.24 V). Since the
OSC pin is fixed at 1.24 V, the frequency is varied proportionally to the current sunk (forced)
from (into) the pin considering the internal gain of 6 KHz/
μA.
In particular connecting ROSC to SGND the frequency is increased (current is sunk from the
pin), while connecting ROSC to VCC = 12 V the frequency is reduced (current is forced into
the pin), according the following relationships:
ROSC vs. SGND
ROSC vs. +12V
Maximum programmable switching frequency per phase must be limited to 1 MHz to avoid
minimum Ton limitation. Anyway, device power dissipation must be checked prior to design
high switching frequency systems.
Figure 24.
ROSC vs. switching frequency
F
SW
200 kHz
()
1.240V
R
OSC kΩ
()
---------------------------- 6
kHz
μA
-----------
⋅
+
200 kHz
() 7.422 10
3
⋅
R
OSC kΩ
()
-----------------------------
R
OSC kΩ
()
⇒
+
==
=
6
kHz
μA
-----------
200 kHz
() 7.422 10
3
⋅
R
OSC kΩ
()
-----------------------------
R
OSC kΩ
()
⇒
+
7.422 10
3
⋅
F
SW kHz
() 200 kHz
()
–
------------------------------------------------------------
==
k
Ω
[]
F
SW
200 kHz
() 12V 1.240V
–
R
OSC kΩ
()
------------------------------------
8kHz
μA
--------------
⋅
–
200 kHz
() 8.608 10
4
⋅
R
OSC kΩ
()
-----------------------------
–
R
OSC kΩ
()
⇒
2
--
==
=
kHz
μA
-----------
200 kHz
() 6.456 10
4
⋅
R
OSC kΩ
()
-----------------------------
–
R
OSC kΩ
()
⇒
8.608 10
4
⋅
200 kHz
() F
SW kHz
()
–
------------------------------------------------------------
==
k
Ω
[]
0
1000
2000
3000
4000
5000
6000
7000
25
50
75
100
125
150
175
200
Fsw [kHz] Programmed
0
50
100
150
200
250
300
350
400
150
250
350
450
550
650
750
850
950
1050
Fsw [kHz] Programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com