Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7402 Datasheet(PDF) 59 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button TDA7402_07 Datasheet HTML 55Page - STMicroelectronics TDA7402_07 Datasheet HTML 56Page - STMicroelectronics TDA7402_07 Datasheet HTML 57Page - STMicroelectronics TDA7402_07 Datasheet HTML 58Page - STMicroelectronics TDA7402_07 Datasheet HTML 59Page - STMicroelectronics TDA7402_07 Datasheet HTML 60Page - STMicroelectronics TDA7402_07 Datasheet HTML 61Page - STMicroelectronics TDA7402_07 Datasheet HTML 62Page - STMicroelectronics TDA7402_07 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
TDA7402
I2C bus interface
59/71
The programming of all speaker, subwoofer and mixing level controls are the same.
0
1
FD2 attenuation
-6dB
0dB
0
1
MD1 mode
single ended
differential
Table 27.
Speaker, subwoofer and mixer level-control (14-20)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
1
:
1
1
0
0
:
0
0
:
0
0
x
0
:
0
0
0
0
:
0
0
:
1
1
1
0
:
0
0
0
0
:
0
0
:
0
0
1
0
:
0
0
0
0
:
0
1
:
0
0
x
1
:
0
0
0
0
:
1
0
:
1
1
x
1
:
0
0
0
0
:
1
0
:
1
1
x
1
:
0
0
0
0
:
1
0
:
1
1
x
1
:
1
0
0
1
:
1
0
:
0
1
x
+15 dB
:
+1 dB
0 dB
0 dB
-1 dB
:
-15 dB
-16 dB
:
-78 dB
-79 dB
Mute
Table 26.
Configuration audioprocessor II (13) (continued)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com