Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7402 Datasheet(PDF) 60 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button TDA7402_07 Datasheet HTML 56Page - STMicroelectronics TDA7402_07 Datasheet HTML 57Page - STMicroelectronics TDA7402_07 Datasheet HTML 58Page - STMicroelectronics TDA7402_07 Datasheet HTML 59Page - STMicroelectronics TDA7402_07 Datasheet HTML 60Page - STMicroelectronics TDA7402_07 Datasheet HTML 61Page - STMicroelectronics TDA7402_07 Datasheet HTML 62Page - STMicroelectronics TDA7402_07 Datasheet HTML 63Page - STMicroelectronics TDA7402_07 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
I2C bus interface
TDA7402
60/71
Note:
This byte is used for testing or evaluation purposes only and must not set to other values
than "11101110" in the application!
Table 28.
Testing Audioprocessor (21)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Audioprocessor testmode
off
on
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Test-multiplexer
Compander log amp. output
Compander low pass output
Compander DAC output
200kHz oscillator
not allowed
not allowed
NB-hold
internal reference
0
1
Compander testmode
off
on
0
1
Clock
external
internal
0
1
AZ function
off
on
0
1
SC-clock
Fast mode
Normal mode
Table 29.
Stereo decoder (22)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
1
STD unmuted
STD muted
0
0
1
1
0
1
0
1
IN-gain 11 dB
IN-gain 8.5 dB
IN-gain 6 dB
IN-gain 3.5 dB
0
1
Input AM pin
Input MPX pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com