Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7402 Datasheet(PDF) 38 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TDA7402_07 Datasheet HTML 34Page - STMicroelectronics TDA7402_07 Datasheet HTML 35Page - STMicroelectronics TDA7402_07 Datasheet HTML 36Page - STMicroelectronics TDA7402_07 Datasheet HTML 37Page - STMicroelectronics TDA7402_07 Datasheet HTML 38Page - STMicroelectronics TDA7402_07 Datasheet HTML 39Page - STMicroelectronics TDA7402_07 Datasheet HTML 40Page - STMicroelectronics TDA7402_07 Datasheet HTML 41Page - STMicroelectronics TDA7402_07 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
Stereo decoder part
TDA7402
38/71
Figure 24.
Vn timing diagram
Figure 25.
Trigger threshold vs. VPEAK
Figure 26.
Deviation controlled trigger adjustment
Figure 27.
Field strength controlled trigger adjustment
Tim e
V
in
T
R
T
HIGH
T
F
V
op
DC
VTH
MIN . TR IG . T H RE S H O L D
N O ISE CO NT R O L LE D T R IG . THRE S H O L D
1.5 V
0.9 V
260m V (00)
220m V (01)
18 0 m V (1 0)
14 0 m V (1 1)
8 ST EPS
65 m V
30 m V
V PEAK [V]
0.9
DEV IA TIO N [KHz]
2.8
2.0
1.2
20
3 2 .5
45
75
VPEAK
00
01
10
D etector o ff (11)
[V
]
OP
0.9V
noisy signal
good signal
NOISE
2.3V (00)
MONO
STEREO
1.8V (01)
1.3V (10)
ATC_SB OFF (11)
E'
VPEAK
» 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com