Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7402 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7402_07 Datasheet HTML 29Page - STMicroelectronics TDA7402_07 Datasheet HTML 30Page - STMicroelectronics TDA7402_07 Datasheet HTML 31Page - STMicroelectronics TDA7402_07 Datasheet HTML 32Page - STMicroelectronics TDA7402_07 Datasheet HTML 33Page - STMicroelectronics TDA7402_07 Datasheet HTML 34Page - STMicroelectronics TDA7402_07 Datasheet HTML 35Page - STMicroelectronics TDA7402_07 Datasheet HTML 36Page - STMicroelectronics TDA7402_07 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
TDA7402
Stereo decoder part
33/71
De-emphasis and highcut
τ
DeempFM
De-emphasis timeconstants FM
VLEVEL >> VHCH
25
50
75
µs
VLEVEL >> VHCH
44
62.5
80
µs
VLEVEL >> VHCH
50
75
100
µs
VLEVEL >> VHCH
70
100
130
µs
MFM
Highcut timeconstant multiplier FM
VLEVEL << VHCL
3
τ
DeempAM
De-emphasis timeconstants AM
VLEVEL >> VHCH
37.5
µs
VLEVEL >> VHCH
47
µs
VLEVEL >> VHCH
56
µs
VLEVEL >> VHCH
75
µs
MAM
Highcut timeconstant multiplier AM
VLEVEL << VHCL
3.7
REF5V
Internal reference voltage
4.7
5
5.3
V
Lmin
min. LEVEL gain
-1
0
1
dB
Lmaxs
max. LEVEL gain
5
6
7
dB
LGstep
LEVEL gain step resolution
see section 2.7
0.2
0.4
0.6
dB
VSBLmin
Min. voltage for mono
see section 2.8
17
20
23
%REF
5V
VSBLmax Max. voltage for mono
see section 2.8
62
70
78
%REF
5V
VSBLstep Step resolution
see section 2.8
1.6
3.3
5.0
%REF
5V
VHCHmin Min. voltage for NO highcut
see section 2.9
37
42
47
%REF
5V
VHCHmax Max. voltage for NO highcut
see section 2.9
58
66
74
%REF
5V
VHCHstep Step resolution
see section 2.9
4.2
8.4
12.6
%REF
5V
VHCLmin Min. voltage for FULL high cut
see section 2.9
15
17
19
%VHCH
VHCLmax Max. voltage for FULL high cut
see section 2.9
29
33
37
%VHCH
VHCLstep Step resolution
see section 2.9
2.1
4.2
6.3
%REF
5V
Carrier and harmonic suppression at the output
α19
Pilot signal f=19kHz
40
50
dB
α38
Subcarrier f=38kHz
75
dB
α57
Subcarrier f=57kHz
62
dB
α76
Subcarrier f=76kHz
90
dB
Table 7.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com