Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7402 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7402_07 Datasheet HTML 24Page - STMicroelectronics TDA7402_07 Datasheet HTML 25Page - STMicroelectronics TDA7402_07 Datasheet HTML 26Page - STMicroelectronics TDA7402_07 Datasheet HTML 27Page - STMicroelectronics TDA7402_07 Datasheet HTML 28Page - STMicroelectronics TDA7402_07 Datasheet HTML 29Page - STMicroelectronics TDA7402_07 Datasheet HTML 30Page - STMicroelectronics TDA7402_07 Datasheet HTML 31Page - STMicroelectronics TDA7402_07 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
Audioprocessor part
TDA7402
28/71
4.11
AC coupling
In some applications additional signal manipulations are desired, for example surround
sound or more band equalizing. For this purpose an AC coupling is placed before the
speaker attenuators, which can be activated or internally shorted by the I2C bus. In short
condition the input signal of the speaker attenuator is available at the AC outputs. The input
impedance of this AC Inputs is 50k
Ω.
4.12
Output selector
The output-selector allows to connect the main- or the second-source to the front, rear and
subwoofer speaker attenuator, respectively. As an example of this programming the device
is able to connect via software the main source to the back (rear) and the second source to
the front (see
Figure 17). In addition to this stage allows to setup different applications by
I2C bus programming. Three examples are given in
Figure 18, 19, and 20.
Figure 19.
Output selector
VOICE BAND
BANDPASS
LOWPASS
MS MONO
MAIN SOURCE
RIGHT CHANNEL
MAIN SOURCE
SPEAKER FRONT
SWIN
ACINR
ACINF
OFF/ON
FC
ACOUT
SPEAKER REAR
SPEAKER SUBWOOFER
D00AU1155
LEFT CHANNEL
LEFT CHANNEL
SECOND SOURCE
SECOND SOURCE
25K
50K
50K
50K
25K
25K
25K
SEC.S MONO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com