Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7402 Datasheet(PDF) 45 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button TDA7402_07 Datasheet HTML 41Page - STMicroelectronics TDA7402_07 Datasheet HTML 42Page - STMicroelectronics TDA7402_07 Datasheet HTML 43Page - STMicroelectronics TDA7402_07 Datasheet HTML 44Page - STMicroelectronics TDA7402_07 Datasheet HTML 45Page - STMicroelectronics TDA7402_07 Datasheet HTML 46Page - STMicroelectronics TDA7402_07 Datasheet HTML 47Page - STMicroelectronics TDA7402_07 Datasheet HTML 48Page - STMicroelectronics TDA7402_07 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
TDA7402
Functional description of the noise blanker
45/71
7
Functional description of the noise blanker
In the automotive environment the MPX-signal as well as the AM signal is disturbed by
spikes produced by the ignition and other radiating sources like the wiper motor. The aim of
the noiseblanker part is to cancel the audible influence of the spikes. Therefore the output of
the stereo decoder is held at the actual voltage for a time between 22 and 38µs in FM (370
and 645µs in AM mode). The block diagram of the noise blanker is given in
Figure 34.
Figure 34.
Block diagram of the noise blanker
In a first stage the spikes must be detected but to avoid a wrong triggering on high
frequency (white) noise a complex trigger control is implemented. Behind the trigger stage a
pulse former generates the "blanking"pulse.
7.1
Trigger path FM
The incoming MPX signal is highpass-filtered, amplified and rectified. This second order
highpass filter has a corner-frequency of 140kHz. The rectified signal, RECT, is integrated
(lowpass filtered) to generate a signal called PEAK. The DC-charge/discharge behaviour
can be adjusted as well as the transient behaviour (MP discharge control). Also noise with a
frequency 140kHz increases the PEAK voltage. The PEAK voltage is fed to a threshold
generator, which adds to the PEAK voltage a DC dependent threshold VTH. Both signals,
RECT and PEAK+VTH are fed to a comparator which triggers a re-triggerable monoflop.
The monoflop's output activates the sample and hold circuits in the signalpath for the
selected duration.
7.2
Noise controlled threshold adjustment (NCT)
There are mainly two independent possibilities for programming the trigger threshold:
1.
the low threshold in 8 steps (bits D1 to D3 of the noiseblanker byte I)
2.
and the noise adjusted threshold in 4 steps (bits D4 and D5 of the noiseblanker byte I,
see
Figure 21).
The low threshold is activ in combination with a good MPX signal without noise; the PEAK
voltage is less than 1V. The sensitivity in this operation is high.
If the MPX signal is noisy (low fieldstrength) the PEAK voltage increases due to the higher
noise, which is also rectified. With increasing of the PEAK voltage the trigger threshold
increases, too. This gain is programmable in 4 steps (see
Figure 25).
+
-
RECTIFIER
AM/FM
INTEGRATOR
DISCHARGE
CONTROL
FM: 22 to 40
μs
AM: 370 to 6400
μs
RECT
+
+
THRESHOLD
GENERATOR
VTH
PEAK
ADDITIONAL
THRESHOLD
CONTROL
MONOFLOP
HOLDN
AMIF
D00AU1132
RECTIFIER +
14-56KHz LPF
(1st. order)
140KHz HPF
(1st. order)
140KHz HPF
(2nd. order)
MPX
MPOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com