Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7402 Datasheet(PDF) 39 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TDA7402_07 Datasheet HTML 35Page - STMicroelectronics TDA7402_07 Datasheet HTML 36Page - STMicroelectronics TDA7402_07 Datasheet HTML 37Page - STMicroelectronics TDA7402_07 Datasheet HTML 38Page - STMicroelectronics TDA7402_07 Datasheet HTML 39Page - STMicroelectronics TDA7402_07 Datasheet HTML 40Page - STMicroelectronics TDA7402_07 Datasheet HTML 41Page - STMicroelectronics TDA7402_07 Datasheet HTML 42Page - STMicroelectronics TDA7402_07 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
TDA7402
Stereo decoder part
39/71
5.5
Multipath detector
5.5.1
Features:
internal 19kHz band pass filter
programmable band pass and rectifier gain
selectable internal influence on stereo blend and/or Highcut
Table 9.
Electrical characteristics of multipath detector
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
fCMP
Center frequency of
multipath-bandpass
Stereo decoder locked
on pilot tone
19
kHz
GBPMP
Bandpass gain
G1
6
dB
G2
12
dB
G3
16
dB
G4
18
dB
GRECTM
P
Rectifier gain
G1
7.6
dB
G2
4.6
dB
G3
0
dB
ICHMP
Rectifier charge current
0.25
0.5
µA
IDISMP
Rectifier discharge current
4
mA
Quality detector
AMultipath influence factor
00
01
10
11
0.70
0.85
1.00
1.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com