Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7402 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7402_07 Datasheet HTML 27Page - STMicroelectronics TDA7402_07 Datasheet HTML 28Page - STMicroelectronics TDA7402_07 Datasheet HTML 29Page - STMicroelectronics TDA7402_07 Datasheet HTML 30Page - STMicroelectronics TDA7402_07 Datasheet HTML 31Page - STMicroelectronics TDA7402_07 Datasheet HTML 32Page - STMicroelectronics TDA7402_07 Datasheet HTML 33Page - STMicroelectronics TDA7402_07 Datasheet HTML 34Page - STMicroelectronics TDA7402_07 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
TDA7402
Audioprocessor part
31/71
Figure 23.
Output selector
4.15
Audioprocessor testing
During the testmode, which can be activated by setting bit D0 of the stereo decoder testing
byte and the audioprocessor testing byte, several internal signals are available at the FD2R
pin. During this mode the input resistance of 100kOhm is disconnected from the pin. The
internal signals available are shown in the data byte specification.
1
OUTF
25K
25K
25K
25K
FRONT
REAR
FROM MIXING
SELECTOR
D00AU1164
VOLUME
+15/-79dB
1dB Step
VOLUME
+15/-79dB
1dB Step
VOLUME
+15/-79dB
1dB Step
FROM OUTPUT
SELECTOR
1
OUTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com