Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7402 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7402_07 Datasheet HTML 26Page - STMicroelectronics TDA7402_07 Datasheet HTML 27Page - STMicroelectronics TDA7402_07 Datasheet HTML 28Page - STMicroelectronics TDA7402_07 Datasheet HTML 29Page - STMicroelectronics TDA7402_07 Datasheet HTML 30Page - STMicroelectronics TDA7402_07 Datasheet HTML 31Page - STMicroelectronics TDA7402_07 Datasheet HTML 32Page - STMicroelectronics TDA7402_07 Datasheet HTML 33Page - STMicroelectronics TDA7402_07 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
Audioprocessor part
TDA7402
30/71
Figure 21.
Application 2 using internal highpass and external stereo low pass filter
Figure 22.
Application 3 using pure external filtering (e.g. DSP)
4.14
Speaker attenuator and mixing
A mixing-stage is placed after each speaker attenuator and can be set independly to mixing
mode. Having a full volume for the mix signal the stage offers a wide flexibility to adapt the
mixing levels.
VOICE BAND
BANDPASS
EXTERNAL
LOWPASS
BASS-FILTER
LOWPASS
220nF
MS MONO
MAIN SOURCE
RIGHT CHANNEL
MAIN SOURCE
SPEAKER FRONT
SWIN
ACINR
ACINF
OFF/ON
FC
ACOUT
SPEAKER REAR
SPEAKER SUBWOOFER
D00AU1157
LEFT CHANNEL
LEFT CHANNEL
SECOND SOURCE
SECOND SOURCE
25K
50K
50K
50K
25K
25K
25K
SEC.S MONO
PROGRAMMING
5/0xxxxxxx
7/xxxxx1xx
10/xxxx11xx
12/1010xxxx
VOICE BAND
BANDPASS
EXTERNAL
FILTERING
BASS-FILTER
LOWPASS
220nF
220nF
MS MONO
MAIN SOURCE
RIGHT CHANNEL
MAIN SOURCE
SPEAKER FRONT
SWIN
ACINR
ACINF
OFF/ON
FC
ACOUT
SPEAKER REAR
SPEAKER SUBWOOFER
D00AU1163
LEFT CHANNEL
LEFT CHANNEL
SECOND SOURCE
SECOND SOURCE
25K
50K
50K
50K
25K
25K
25K
SEC.S MONO
220nF
220nF
PROGRAMMING
5/1xxxxxxx
7/xxxxx0xx
10/xxxx11xx
12/1010xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com