Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7402 Datasheet(PDF) 40 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TDA7402_07 Datasheet HTML 36Page - STMicroelectronics TDA7402_07 Datasheet HTML 37Page - STMicroelectronics TDA7402_07 Datasheet HTML 38Page - STMicroelectronics TDA7402_07 Datasheet HTML 39Page - STMicroelectronics TDA7402_07 Datasheet HTML 40Page - STMicroelectronics TDA7402_07 Datasheet HTML 41Page - STMicroelectronics TDA7402_07 Datasheet HTML 42Page - STMicroelectronics TDA7402_07 Datasheet HTML 43Page - STMicroelectronics TDA7402_07 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
Functional description of stereo decoder
TDA7402
40/71
6
Functional description of stereo decoder
Figure 28.
Block diagram of stereo decoder
The stereo decoder-part of the A619 (see
Figure 28) contains all functions necessary to
demodulate the MPX-signal like pilot tone dependent Mono/Stereo switching as well as
"stereo blend" and "highcut". Adaptations like programmable input gain, roll off
compensation, selectable de-emphasis time constant and a programmable fieldstrength
input allow to use different IF devices.
6.1
Stereo decoder mute
The A619 has a fast and easy to control RDS mute function which is a combination of the
audioprocessor's SoftMute and the high ohmic mute of the stereo decoder. If the stereo
decoder is selected and a SoftMute command is sent (or activated through the SM-pin) the
stereo decoder will be set automatically to the high-ohmic mute condition after the audio-
signal has been softmuted. Hence a checking of alternate frequencies could be performed.
Additionally the PLL can be set to "Hold" mode, which disables the PLL input during the
mute time. To release the system from the mute condition simply the unmute command
must be sent: the stereo decoder is unmuted immediately and the audioprocessor is softly
unmuted. Fig. 26 shows the output-signal VO as well as the internal stereo decoder mute
signal. This influence of SoftMute on the stereo decoder mute can be switched off by setting
bit 3 of the SoftMute byte to "0". A stereo decoder mute command (bit 0, stereo decoder
byte set to "1") will also set the stereo decoder independently to the high-ohmic mute state.
If any other source than the stereo decoder is selected the decoder remains muted and the
MPX pin is connected to Vref to avoid any discharge of the coupling capacitor through
leakage currents. No further mute command should be applied.
INGAIN
3.5 ... 11dB
STEP 2.5dB
INFILTER
LP 80KHz
4.th ORDER
DEMODULATOR
- PLOT CANC
- ROLL-OFF COMP.
- LP 25KHz
PLL +
PILOT-DET.
F19
NOISE BLANKER
F38
STEREO
HOLDN
NOISE
SB CONTROL
MULTIPATH DET.
DEEMPHASIS
+ HIGHCUT
t=50.62..5.75,100
μs
(37.5,47,56,75
μs)
REF 5V
VSBL
MPHCINFL
MPHCOUT
MPSBOUT
HC
CONTROL
VHCCH
VHCCL
D
5 bits
A
LEVEL INPUT
LEVELSB-LP
LEVEL
MPSBINFL
FM_L
FM_R
MPX
100K
AM
AM-IF
100K
D00AU1135
LEVELHC-LP
GAIN 0..6dB
QUALITY
DETECTOR
QUAL
MP-OUT
MP-IN
-
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com