Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7402 Datasheet(PDF) 69 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button TDA7402_07 Datasheet HTML 63Page - STMicroelectronics TDA7402_07 Datasheet HTML 64Page - STMicroelectronics TDA7402_07 Datasheet HTML 65Page - STMicroelectronics TDA7402_07 Datasheet HTML 66Page - STMicroelectronics TDA7402_07 Datasheet HTML 67Page - STMicroelectronics TDA7402_07 Datasheet HTML 68Page - STMicroelectronics TDA7402_07 Datasheet HTML 69Page - STMicroelectronics TDA7402_07 Datasheet HTML 70Page - STMicroelectronics TDA7402_07 Datasheet HTML 71Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 69 / 71 page
background image
TDA7402
Package information
69/71
11
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 39.
LQFP44 (10x10) Mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
Note: 1. The size of exposed pad is variable depending of lead-
frame design pad size. End user should verify “D2” and
“E2” dimensions for each device application.
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.60
0.0630
A1
0.05
0.15
0.0020
0.0059
A2
1.35
1.40
1.45
0.0531 0.0551 0.0571
b
0.30
0.37
0.45
0.0118 0.0146 0.0177
c
0.09
0.20
0.0035
0.0079
D
11.80
12.00
12.20 0.4646 0.4724 0.4803
D1
9.80
10.00
10.20 0.3858 0.3937 0.4016
D2
2.00
0.0787
D3
8.00
0.3150
E
11.80
12.00
12.20 0.4646 0.4724 0.4803
E1
9.80
10.00
10.20 0.3858 0.3937 0.4016
E2
2.00
0.0787
E3
8.00
0.3150
e
0.80
0.0315
L
0.45
0.60
0.75
0.0177
0.0295
L1
1.00
0.0394
K
3.5˚(min.),7˚(max.)
ccc
0.10
0.0039
LQFP44 (10 x 10 x 1.40mm)
Exposed Pad Down
7278839 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com