Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7580 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 3Page - STMicroelectronics TDA7580 Datasheet HTML 4Page - STMicroelectronics TDA7580 Datasheet HTML 5Page - STMicroelectronics TDA7580 Datasheet HTML 6Page - STMicroelectronics TDA7580 Datasheet HTML 7Page - STMicroelectronics TDA7580 Datasheet HTML 8Page - STMicroelectronics TDA7580 Datasheet HTML 9Page - STMicroelectronics TDA7580 Datasheet HTML 10Page - STMicroelectronics TDA7580 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TDA7580
Block diagram and electrical specifications
7/39
2
Block diagram and electrical specifications
Figure 1.
Block diagram
Warning:
Operation at or beyond these limits may result in permanent
damage to the device. Normal operation is not guaranteed at
these extremes.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
VDD3
Power supplies (1)
1.
VDD3 refers to all of the nominal 3.3V power supplies (VDDH, VOSC, VDDSD). VDD refers to all of the nominal
1.8V power supplies (VDD, VMTR).
Nom. 1.8V
Nom. 3.3V
-0.5 to 2.5
-0.5 to 4.0
V
V
Analog input or output voltage belonging to 3.3V IO ring
(VDDSD, VDDOSC)
-0.5 to 4.0
V
Digital input or output voltage, 5V tolerant
Normal(2)
Failsafe(3)
2.
During Normal Mode operation VDD3 is always available as specified.
3.
During Fail-safe Mode operation VDD3 may be not available.
-0.5 to 6.50
-0.5 to 3.80
V
V
All remaining digital input or output voltage
Nom. 1.8V
Nom. 3.3V
-0.5 to (VDD+0.5)
-0.5 to (VDD3+0.5)
V
Tj
Operating junction temperature range
-40 to 125
°C
Tstg
Storage temperature
-55 to 150
°C
A/D
SAI1
SAI0
SRC
I2C/SPI
DAC
CGU
Oscillator
I2C/SPI
HS3I
RDS
IF digital
Signal processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com