Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7580 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 16Page - STMicroelectronics TDA7580 Datasheet HTML 17Page - STMicroelectronics TDA7580 Datasheet HTML 18Page - STMicroelectronics TDA7580 Datasheet HTML 19Page - STMicroelectronics TDA7580 Datasheet HTML 20Page - STMicroelectronics TDA7580 Datasheet HTML 21Page - STMicroelectronics TDA7580 Datasheet HTML 22Page - STMicroelectronics TDA7580 Datasheet HTML 23Page - STMicroelectronics TDA7580 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
SAI Interface
TDA7580
20/39
3
SAI Interface
Figure 5.
SAI Timings
Note:
TDSP = DSP master clock cycle time = 1/FDSP
Figure 6.
SAI protocol (when: RLRS=0; RREL=0; RCKP=1; RDIR=0)
Table 17.
SAI Timing table
(Tj =-40°C to 125°C; VDD =1.7V to 1.9V, VDD3 = 3.15V to 3.45V) Cload The
values on the table are consistent with a capacitance load on SAI lines of
160pF
Timing
Description
Min
Typ
Max
Unit
tsckr
Clock Cycle
302
976
ns
tdt
SCKR active edge to data out valid
48
65
ns
tlrs
LRCK setup time
25
ns
tlrh
LRCK hold time
25
ns
tsdis
SDI setup time
65
ns
tsdih
SDI hold time
65
ns
tsckph
SCK high time
146
ns
tsckpl
SCK low time
146
ns
tsckr
tsckpl
tdt
tsdis
tlrs
tsckph
tlrh
tsdih
Valid
LRCKR
SDI0-1
SCKR
Valid
(RCKP=0)
RIGHT
LEFT
SCKR
SDI0-1
LRCKR
LSB(n-1)
MSB(n)
MSB-1(n)
MSB-2(n)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com