Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7580 Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 30Page - STMicroelectronics TDA7580 Datasheet HTML 31Page - STMicroelectronics TDA7580 Datasheet HTML 32Page - STMicroelectronics TDA7580 Datasheet HTML 33Page - STMicroelectronics TDA7580 Datasheet HTML 34Page - STMicroelectronics TDA7580 Datasheet HTML 35Page - STMicroelectronics TDA7580 Datasheet HTML 36Page - STMicroelectronics TDA7580 Datasheet HTML 37Page - STMicroelectronics TDA7580 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Application diagrams
TDA7580
34/39
Figure 19.
Audio mode with external slave audio device
The 2 stereo channel serial audio interface of the TDA7580 chip allows a very flexible
application in which external audio source/sinks can be connected.
The example shows an external CD player digital output giving the main Fs audio rate of the
whole system. This rate is also the one of the external DACs and an ADC, being configured
as slave.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
TST3_LRCKR
45
TST2_SCKR
44
LRCK_LRCKT
43
SCLK_SCKT
42
SDO0
41
40
39
TST1_SDI1
38
TST4_SDI0
37
GPIO_SDO1
36
35
34
33
1
2
3
4
8
7
6
5
TDA7580
Fs=44.1kHz
1
2
3
4
8
7
6
5
TDA7535
CD Player
ADC
Analog In
Fs=44.1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com