Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7580 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 20Page - STMicroelectronics TDA7580 Datasheet HTML 21Page - STMicroelectronics TDA7580 Datasheet HTML 22Page - STMicroelectronics TDA7580 Datasheet HTML 23Page - STMicroelectronics TDA7580 Datasheet HTML 24Page - STMicroelectronics TDA7580 Datasheet HTML 25Page - STMicroelectronics TDA7580 Datasheet HTML 26Page - STMicroelectronics TDA7580 Datasheet HTML 27Page - STMicroelectronics TDA7580 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
BSPI interface
TDA7580
24/39
5
BSPI interface
(Tj =-40°C to 125°C; VDD =1.7V to 1.9V, VDD3 = 3.15V to 3.45V) Cload
The values on the table are consistent with a capacitance load on BSPI lines of 160pF)
Figure 12.
BSPI timings
Table 19.
BSPI timing table
Symbol
Description
Min
Typ
Max
Unit
Master configured
tsclk
Clock cycle
184
ns
tdtr
Sclk edge to MOSI valid
61
92
ns
tsetup
MISO setup time
52
ns
thold
MISO hold time
52
ns
tsclkh
SCK high time
92
ns
tsclkl
SCK low time
92
ns
tsssetup
SS setup time
92
ns
tsshold
SS hold time
92
ns
tssw
SS pulse width
184
ns
Slave configured
tsclk
Clock cycle
238
ns
tdtr
Sclk edge to MISO valid
88
119
ns
tsetup
MOSI setup time
65
ns
thold
MOSI hold time
65
ns
tsclkh
SCK high time
119
ns
tsclkl
SCK high low
119
ns
tsssetup
SS setup time
119
ns
tsshold
SS hold time
119
ns
tssw
SS pulse width
238
ns
tsclk
tsclkl
tdtr
tsssetup
tsetup
tsclkh
thold
tsshold
Valid
MISO
SS
SCL
(CPOL=0,CPHA=0)
MOSI
tssw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com