Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7580 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 7Page - STMicroelectronics TDA7580 Datasheet HTML 8Page - STMicroelectronics TDA7580 Datasheet HTML 9Page - STMicroelectronics TDA7580 Datasheet HTML 10Page - STMicroelectronics TDA7580 Datasheet HTML 11Page - STMicroelectronics TDA7580 Datasheet HTML 12Page - STMicroelectronics TDA7580 Datasheet HTML 13Page - STMicroelectronics TDA7580 Datasheet HTML 14Page - STMicroelectronics TDA7580 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
TDA7580
Block diagram and electrical specifications
11/39
21
GND
G
Digital core power ground
22
VDD
P
Digital core power supply
1.8V
23
IQSYNC
B
High speed synchronous serial interface
(HS3I) clock if HS3I master mode, else
DSP1 GPIO or DSP1 debug port clock
(DBOUT1)
DSP1 GPIO0
5V tolerant. With
internal pull-up, on at
reset
Input
24
IQCH1
B
High speed synchronous serial interface
(HS3I) channel 1 data if HS3I master
mode, else DSP1 GPIO or DSP1 debug
port request (DBRQ1)
DSP1 GPIO1
5V tolerant. With
internal pull-up, on at
reset [PP]
Input
25
IQCH2
B
High speed synchronous serial interface
(HS3I) channel 2 data if HS3I master
mode, else DSP1 GPIO or DSP1 debug
port data In (DBIN1)
DSP1 GPIO2
5V tolerant. With
internal pull-down, on at
reset [PP]
Input
26
IQCH3
B
High speed synchronous serial interface
(HS3I) channel 3 data if HS3I master
mode, else DSP1 GPIO or DSP1 debug
port data out (DBCK1)
DSP1 GPIO3
5V tolerant
With internal pull-down,
on at reset [PP]
Input
27
VDDH
P
3.3V IO ring power supply (HS3I, I2C/SPI,
RDS, INT)
28
GNDH
G
3.3V IO ring power ground (HS3I, I2C/SPI,
RDS, INT)
29
RDS_INT
B
RDS interrupt to external main
microprocessor in case of traffic
information
DSP1 GPIO4. 5V
tolerant, open drain
With internal pull-up, on
at reset [OD]
Input
30
RDS_CS
B
RDS chip select. When RESETN rising, If
RDS_CS 0, the RDS’s SPI is selected;
else RDS’s I2C
DSP1 GPIO5. 5V
tolerant. With internal
pull-up, on at reset [PP]
Input
31
INT
I
DSP0 external interrupt
5V tolerant. With
internal pull-up, on at
reset
32
ADDR_SD
B
IFS chip master (Low) or slave (High)
mode selection, latched in upon RESETN
release. It selects the LSB of the I2C
addresses. Station detector output
DSP0 GPIO2
5V tolerant
With internal pull-down,
on at reset [PP]
Input
33
RESETN
I
Chip hardware reset, active low
5V tolerant
With internal pull-up
34
VDD
P
Digital power supply
1.8V
35
GND
G
Digital power ground
36
TESTN
I
Test enable pin, active low
With internal pull-up
Table 5.
Pin description (continued)
N°
Name
Type
Description
Notes
After
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com