Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7580 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 13Page - STMicroelectronics TDA7580 Datasheet HTML 14Page - STMicroelectronics TDA7580 Datasheet HTML 15Page - STMicroelectronics TDA7580 Datasheet HTML 16Page - STMicroelectronics TDA7580 Datasheet HTML 17Page - STMicroelectronics TDA7580 Datasheet HTML 18Page - STMicroelectronics TDA7580 Datasheet HTML 19Page - STMicroelectronics TDA7580 Datasheet HTML 20Page - STMicroelectronics TDA7580 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
TDA7580
Block diagram and electrical specifications
17/39
MCK = 18.525MHz, Fsin/Fsout = 0.820445366
Table 13.
DSP core (Tj =-40°C to 125°C)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
FdspMax
Maximum DSP clock frequency
VDD=1.7V, VDD3= 3.3V
81.5
MHz
Table 14.
FM stereo decoder characteristics
(Tj =-40°C to 125°C; VDD =1.7V to 1.9V, VDD3 = 3.15V to 3.45V; BW for measurements
20Hz to 15KHz)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
a_ch
Channel separation
(Adjustble by SW from 0 to -45dB)
-45
0
dB
THD
Total harmonic distortion
1KHz; mono;
Δf=75KHz;
0.02
0.04
%
(S+N)/N Signal plus noise to noise ratio
1KHz; mono;
Δf=40KHz;
78
80
82
dB
Table 15.
Sample rate converter
(Tj =-40°C to 125°C; VDD =1.7V to 1.9V, VDD3 = 3.15V to 3.45V);
BW for measurements 20Hz to 20KHz
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
THD+N
Total harmonic distortion + noise
20Hz to 20kHz, full scale, 16 bit inp.
-95
-92
dB
20Hz to 20kHz, full scale, 20 bit inp.
-98
-95
dB
1 kHz full scale, 16 bit inp.
-98
-95
dB
2 kHz full scale, 16 bit inp.
-98
-95
dB
5 kHz full scale, 16 bit inp.
-98
-95
dB
10 kHz full scale, 16 bit inp
-98
-95
dB
15 kHz full scale, 16 bit inp
-98
-95
dB
1 kHz full scale, 20 bit inp.
-119
-116
dB
2 kHz full scale, 20 bit inp.
-116
-113
dB
5 kHz full scale, 20 bit inp.
-112
-109
dB
10 kHz full scale, 20 bit inp
-108
-105
dB
15 kHz full scale, 20 bit inp
-105
-102
dB
DR
Dynamic Range
1 kHz -60 dB - 16 bit inp. A-weighted
97
100
dB
fratio = 0.82
1 kHz -60 dB - 24 bit inp. A-weighted
141
145
dB
Rp
Pass band ripple
from 20Hz to 15kHz
0.4
0.5
dB
Fratio
Sampling frequency in/out ratio
Fsout = 44.1 kHz
0.7
1.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com