Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7580 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 28Page - STMicroelectronics TDA7580 Datasheet HTML 29Page - STMicroelectronics TDA7580 Datasheet HTML 30Page - STMicroelectronics TDA7580 Datasheet HTML 31Page - STMicroelectronics TDA7580 Datasheet HTML 32Page - STMicroelectronics TDA7580 Datasheet HTML 33Page - STMicroelectronics TDA7580 Datasheet HTML 34Page - STMicroelectronics TDA7580 Datasheet HTML 35Page - STMicroelectronics TDA7580 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Functional description
TDA7580
32/39
8.12
Digital down converter (DDC)
The DDC module allows to evaluate the in-phase and quadrature components of the
incoming digital IF signal.
The I and Q computation is performed by the DDC block, which at the same time shifts down
to 0-IF frequency the incoming digital signal.
After the down conversion the rate is still very high (at the 37.05MHz rate); a SincK filter
samples data down by a factor of 32, decreasing it to 1.1578MHz. An additional decimation
is performed by the subsequent FIR filters, thus lowering the data rate at the final
289.45kHz, being the MPX data rate.
8.13
RDS
The RDS block is an hardware cell able to process RDS/RBDS signal, intended for
recovering the inaudible RDS/RBDS information which are transmitted by most of FM radio
broadcasting stations.
It comprises of the following:
Demodulation of the european radio data system (RDS)
Demodulation of the US radio broadcast data system (RDBS)
Automatic group and block synchronisation with flywheel mechanism
Error detection and correction
RAM buffer with a storage capacity of 24 RDS blocks and related status information
I2C and SPI interface, with pins shared with the DSP I2C/SPI
After filtering the oversampled MPX signal, the RDS/RDBS demodulator extracts the RDS
data clock, RDS data signal and the quality information.
The following RDS/RBDS decoder synchronizes the bitwise RDS stream to a group and
block wise information. This processing also includes error detection and error correction
algorithms.
In addition, an automatic flywheel control avoids exhausting the data exchange between
RDS/RDBS processor and the host.
8.14
AM/FM Detector (CORDIC)
The AM/FM detector is a fully programmable peripheral used to detect the phase, amplitude
and frequency information of an input complex signal (in-phase and quadrature signals). It
can be used to demodulate PM, AM and FM modulated signals. The detection is performed
using a high accuracy CORDIC algorithm, working essentially as a cartesian to polar
transformer.
Four CORDICs are available to allow concurrent software calls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com