Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7580 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 22Page - STMicroelectronics TDA7580 Datasheet HTML 23Page - STMicroelectronics TDA7580 Datasheet HTML 24Page - STMicroelectronics TDA7580 Datasheet HTML 25Page - STMicroelectronics TDA7580 Datasheet HTML 26Page - STMicroelectronics TDA7580 Datasheet HTML 27Page - STMicroelectronics TDA7580 Datasheet HTML 28Page - STMicroelectronics TDA7580 Datasheet HTML 29Page - STMicroelectronics TDA7580 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Inter processor transport interface for antenna diversity
TDA7580
26/39
6
Inter processor transport interface for antenna
diversity
(Tj =-40°C to 125°C; VDD =1.7V to 1.9V, VDD3 = 3.15V to 3.45V) Cload. The values on the
table are consistent with a capacitance load on HS3I lines of 20pF
Figure 14.
High speed synchronous serial interface - HS3I
Figure 15.
HS3I clocking scheme
Table 20.
HS3I timing table
Note:
TDSP = DSP master clock cycle time = 1/FDSP
Timing
Description
Min
Typ
Max
Unit
tsclk
MBC clock cycle
107.95
107.97
ns
tdtr
MBC active edge to master data out valid
4
ns
tsetup
MBC active edge to master synch valid
4
ns
thold
Slave data out setup time
6
ns
Master Bit Clock
Master Data Out
Master Synch
Slave Data Out
M2
M3
S0
S1
S2
S3
256 cycles of 74.1MHz
tmbcc
tmbco
Master Synch
Master Data Out
Master Bit Clock
Slave Data Out
tmbcs
tsdos



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com