Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7580 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 23Page - STMicroelectronics TDA7580 Datasheet HTML 24Page - STMicroelectronics TDA7580 Datasheet HTML 25Page - STMicroelectronics TDA7580 Datasheet HTML 26Page - STMicroelectronics TDA7580 Datasheet HTML 27Page - STMicroelectronics TDA7580 Datasheet HTML 28Page - STMicroelectronics TDA7580 Datasheet HTML 29Page - STMicroelectronics TDA7580 Datasheet HTML 30Page - STMicroelectronics TDA7580 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
TDA7580
I2C timing
27/39
7
I2C timing
Figure 16.
DSP and RDS I2C BUS timings
Table 21.
I2C BUS timing table
(Tj =-40°C to 125°C; VDD =1.7V to 1.9V, VDD3 = 3.15V to 3.45V)
Symbol
Parameter
Test
condition
Standard mode
I2C BUS
Fast mode
I2C BUS
Unit
Min.
Max.
Min.
Max.
FSCL
SCLl clock frequency
0
100
0
400
kHz
tBUF
Bus free between a stop and start
condition
4800
–
1300
–
ns
tHD:STA
Hold time (repeated) START condition.
After this period, the first clock pulse is
generated
4800
–
600
–
ns
tLOW
LOW period of the SCL clock
4800
–
1300
–
ns
tHIGH
HIGH period of the SCL clock
4800
–
600
–
ns
tSU:STA
Set-up time for a repeated start
condition
4800
–
600
–
ns
tHD:DAT
DATA hold time
0
-
0
900
ns
tR
Rise time of both SDA and SCL signals
Cb in pF
–
300
12+0.1Cb
300
ns
tF
Fall time of both SDA and SCL signals
Cb in pF
–
300
12+0.1Cb
300
ns
tSU;STO Set-up time for STOP condition
4800
–
600
–
ns
tSU:DAT
Data set-up time
250
–
250
–
ns
Cb
Capacitive load for each bus line
10
400
10
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com