Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7580 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 18Page - STMicroelectronics TDA7580 Datasheet HTML 19Page - STMicroelectronics TDA7580 Datasheet HTML 20Page - STMicroelectronics TDA7580 Datasheet HTML 21Page - STMicroelectronics TDA7580 Datasheet HTML 22Page - STMicroelectronics TDA7580 Datasheet HTML 23Page - STMicroelectronics TDA7580 Datasheet HTML 24Page - STMicroelectronics TDA7580 Datasheet HTML 25Page - STMicroelectronics TDA7580 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
RDS SPI interface
TDA7580
22/39
4
RDS SPI interface
Figure 10.
RDS SPI timings
Table 18.
RDS SPI timing table
(Tj =-40°C to 125°C; VDD =1.7V to 1.9V, VDD3 = 3.15V to 3.45V) Cload The
values on the table are consistent with a capacitance load on RDS SPI lines of
80pF
Symbol
Description
Min
Typ
Max
Unit
Slave configured
tsclk
Clock cycle
1240
ns
tdtr
Sclk edge to MISO valid
239
365
ns
tsetup
MOSI setup time
255
ns
thold
MOSI hold time
365
ns
tsclkh
SCK high time width
620
ns
tsclkl
SCK low time width
620
ns
tsssetup
SS setup time
620
ns
tsshold
SS hold time
620
ns
tssw
SS pulse width
1240
ns
tsclk
tsclkl
tdtr
tsssetup
tsetup
tsclkh
thold
tsshold
Valid
MISO
SS
SCL
(CPOL=0,CPHA=0)
MOSI
tssw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com