Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3603 Datasheet(PDF) 17 Page - Advanced Analogic Technologies

Part # AAT3603
Description  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3603 Datasheet(HTML) 17 Page - Advanced Analogic Technologies

Back Button AAT3603 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 15Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 16Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 17Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 18Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 19Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 20Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 21Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
3603.2008.06.1.0
17
www .analogictech.com
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
3603.2008.06.1.0
17
www .analogictech.com
Typical Characteristics—LDO4 (continued)
V
BAT Line Transient Response LDO4
(VBAT = 3.5V to 4.2V; IOUT4 = 150mA; VOUT4 = 3V)
Time (100µs/div)
2.98
2.99
3.00
3.01
3.02
3.0
3.5
4.0
4.5
VO
VBAT
V
CHGIN Line Transient Response LDO4
(VCHGIN = 4.5V to 5.5V; IOUT4 = 150mA; VOUT4 = 3V)
Time (100µs/div)
2.98
2.99
3.00
3.01
3.02
4.0
4.5
5.0
5.5
6.0
VO
VCHGIN
Load Transient Response LDO4
(IOUT4 = 10mA to 75mA; VBAT = 3.6V;
VOUT4 = 3V; COUT = 4.7µF)
Time (100µs/div)
2.96
2.98
3.00
3.02
3.04
0
50
100
VO
IO
Load Transient Response LDO4
(IOUT4 = 75mA to 150mA; VBAT = 3.6V;
VOUT4 = 3V; COUT = 4.7µF)
Time (100µs/div)
2.96
2.98
3.00
3.02
3.04
0
50
100
150
VO
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com