Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3603 Datasheet(PDF) 33 Page - Advanced Analogic Technologies

Part # AAT3603
Description  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3603 Datasheet(HTML) 33 Page - Advanced Analogic Technologies

Back Button AAT3603 Datasheet HTML 27Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 28Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 29Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 30Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 31Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 32Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 33Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 34Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 35Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
3603.2008.06.1.0
33
www .analogictech.com
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
3603.2008.06.1.0
33
www .analogictech.com
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
J1
Header 13X2H
1
2
3
4
5
6
7
8
9
10
11 12
13 14
15 16
17 18
19 20
21 22
23 24
25 26
J2
Header 13X2H
EN_TEST
1
EN_HOLD
2
EN _KEY
3
ON-KEY
4
EN2
5
EN3
6
EN4
7
EN5
8
OUT5
9
OUT4
10
AVIN2
11
OUT3
12
OUT2
13
AVIN1
14
OUT1
15
AGND
16
CNOISE
17
RESET
18
ADPP
19
LX
20
PGND
21
PVIN
22
OUTBUCK
23
N/C
24
N/C
25
BAT
26
BAT
27
CHGIN
28
CHGIN
29
ENBAT
30
TS
31
ISET
32
CT
33
STAT
34
SDA
35
SCL
36
GND_SLUG
37
U1
1
3
2
J11
VBUS/VCHG
C5
J4
BUCK
J5
OUT5
J6
OUT4
J7
OUT 3
J8
OUT2
J9
OUT1
J3
VBAT
BAT
VDIG
VDIG
VDIG
VDIG
CHGIN
VDIG
BAT
PWR_ON
RX_EN
STAT
BAT_ID
VANA
VTCXO
VCORE
ACOK_N
RESET_N
BAT_ID
VDIG
PON_N
CHG_EN
TP2
CHGIN
TP1
VBAT
TP 3
ACOK_N
TP 4
PON_N
TP5
RESET_N
TP6
STAT
TP7
GND
TP8
GND
SDA
SCL
SDA
1
SCL
2
GND
3
4
J10
DATA HEADER
VBATT
PWR_HOLD
HF_PWR
PWR_ON
VDIG
VRX
VTX
ANA_EN
TX_EN
RX_EN
VBATT
TCXO_EN
VBUS
VCHG
VBAT
L1 3.3μH
ACOK_N
PON_N
RESET_N
STAT
VCORE VRX
VTX VTCXO VANA VDIG
1
3
2
J13
RX_EN
1
3
2
J14
TX_EN
TX_EN
1
3
2
J15
TCXO_EN
TCXO_EN
1
3
2
J16
ANA_EN
ANA_EN
1
3
2
J20
CHG_EN
CHG_EN
1
3
2
J18
PWR_HOLD
PWR_HOLD
1
3
2
J17
HF_PWR
HF_PWR
Q1
CMPT3904
buckout
CHGIN
OUT1
OUT2
OUT3
OUT4
OUT5
BAT
TP9
LX
VDIG
R34 0
R35 0
R36 0
SW1
PWR_ON
R30
NP1K
D1
STAT
R31
10K
R33
10K
J12
INT/EXT PWR
TP11
EXT PWR
VCORE
R2
0
R4
0
R6
0
R9
0
R10
0
R12
0
R14
0
R7
DNP
R11
0
R13
0
R15
0
R16
0
R29
10K
R37
NP
10K
R17
10K
R28
4.75K
R5
100K
R8
100K
R24
10K
R19
10K
R20
100K
R21
100K
R22
100K
R23
100K
R25
100K
R27
100K
BAT
C1
10μF
C10
0.1μF
C11
0.1μF
C12
0.1μF
R18
1.24K
C13
0.01μF
C4
4.7μF
4.7μF
4.7μF
4.7μF
4.7μF
C9
22μF
C6
C7
C8
C3
22μF
R1
0
R32 NP 10k
TP12
GND
C15
22μF
C16
0.001μF
C17
0.001μF
R380
R390
AAT3603
Figure 10: AAT3603 Evaluation Kit Schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com