Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3603 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT3603
Description  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3603 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT3603 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
2
3603.2008.06.1.0
www .analogictech.com
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
2
3603.2008.06.1.0
www .analogictech.com
Typical Application
Enable
Step-down
BUCK
CHGIN
UVLO
BAT
PGND
PVIN
LX
OUTBUCK
OUT1
OUT2
VIN
OUT3
OUT4
OUT5
REF
AVIN2
EN5
EN4
EN3
EN_TEST
EN_HOLD
RESET
Ref
CNOISE
AGND
AVIN1
VIN
I 2C
and
Enable
Control
EN_KEY
ON_KEY
SDA
SCL
ISET
Ref
Charger
Control
STAT
ADPP
ENBAT
TS
CT
EN2
10μF
5V from
AC Adapter or USB Port
22μF
1 cell
Li+
battery
+
-
To BAT
To BAT
To BAT
10μF
0.01μF
4.7μF
3.3μH
Core : 1.8V
300mA
4.7μF
4.7μF
4.7μF
4.7μF
22μF
TCXO
3.0V
150mA
1.24k
10k
Ω
NTC
For BAT
Temp sense
0.1μF
100k
To OUT1
100k
To BAT
100k
To
BAT
100k
To
BAT
μC
PowerDigital
3.0V
300mA
RX
3.0V
150mA
PowerAnalog
3.0V
150mA
TX
3.0V
150mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com