Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3603 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3603
Description  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3603 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3603 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
3603.2008.06.1.0
11
www .analogictech.com
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
3603.2008.06.1.0
11
www .analogictech.com
Typical Characteristics—Charger (continued)
Constant Current Mode Charge Current
vs. Temperature
(VBAT = 3.6V; RISET = 1.24k
Ω
Ω)
Temperature (°C)
300
400
500
600
700
800
900
-50
-25
0
25
50
75
100
VCHGIN = 6.0V
VCHGIN = 5.5V
VCHGIN = 5.0V
VCHGIN = 4.5V
Constant Current Mode Charge Current
vs. Input Voltage
(RSET = 1.24k
Ω
Ω)
CHGIN Voltage (V)
700
720
740
760
780
800
820
840
860
880
900
4.5
4.75
5
5.25
5.5
5.75
6
VBAT = 3.3V
VBAT = 3.6V
VBAT = 4.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com