Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3603 Datasheet(PDF) 31 Page - Advanced Analogic Technologies

Part # AAT3603
Description  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3603 Datasheet(HTML) 31 Page - Advanced Analogic Technologies

Back Button AAT3603 Datasheet HTML 27Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 28Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 29Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 30Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 31Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 32Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 33Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 34Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 35Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
3603.2008.06.1.0
31
www .analogictech.com
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
3603.2008.06.1.0
31
www .analogictech.com
Notes concerning the operation of the CHG2, CHG1 and
CHG0 bits or ISET code:
• Once the part is turned on using the EN_KEY pin (and
there is a BAT and/or CHGIN supply), and data is sent
through I2C, the I2C codes in the registers will always
be preserved until the part is shut down using the
EN_HOLD (going low) or if the BAT and CHGIN supply
are removed.
• If the part is turned on by connecting supply CHGIN
(and not through EN_KEY), then when the CHGIN is
removed, the part will shut down and all I2C registers
will be cleared.
• ISET Code 000 in Register 0x00, bits 2,3,4 = 100mA.
• If the part has been turned on by EN_KEY and CHGIN
is disconnected then reconnected, the ISET code will
be forced to 000 and the current will be set to
100mA.
• The next time any I2C register is programmed (even if
it is not for the ISET code), the ISET code will revert
back to what it was before. For example, if the ISET
code is set to 010 and the part was turned on with
EN_KEY, then when CHGIN is disconnected then
reconnected, the charger will be set to 100mA. Then
if any other command is sent, the ISET code will
remain 010.
Term1
Term0
Termination Current (as % of Constant Current Charge)
0
0
5% (default)
0
1
10%
1
0
15%
1
1
20%
Table 4: Term Bit Setting for the Termination Current Level.
RCHG1
RCHG0
Recharge Threshold
0
0
4.00V (default)
0
1
4.05V
1
0
4.10V
1
1
4.15V
Table 5: RCHG Bit Setting for the Battery Charger Recharge Voltage Level.
Timer
Charger Watchdog Timer
0
ON (default)
1
OFF (and reset to zero)
Table 6: Timer Bit Setting for the Charger Watchdog Timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com